Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4097-1BUJZ-R5 Datasheet(PDF) 25 Page - Analog Devices

Part # ADA4097-1BUJZ-R5
Description  50 V, 130 kHz, 32.5 關A per Channel, Robust, Over-The-Top, Precision Op Amps
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4097-1BUJZ-R5 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADA4097-1BUJZ-R5 Datasheet HTML 21Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 22Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 23Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 24Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 25Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 26Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 27Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 28Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
Data Sheet
ADA4097-1/ADA4097-2
APPLICATIONS INFORMATION
analog.com
Rev. A | 25 of 31
POWER DISSIPATION AND THERMAL
SHUTDOWN
The ADA4097-1/ADA4097-2 can drive heavy loads on power sup-
plies up to ±25 V. Therefore, ensure that TJ on the IC does not
exceed 175°C. See Table 4 for the θJA of each package type.
Junction temperatures exceeding 125°C promote accelerated ag-
ing. Reliability of the ADA4097-1/ADA4097-2 may be impaired if
the junction temperature exceeds 175°C. If the junction temperature
exceeds 175°C, the ADA4097-1/ADA4097-2 has a final safety
measure in the form of a thermal shutdown that shuts off the
output stage and reduces the internal device currents. When this
thermal shutdown function triggers, the output remains disabled in
a high impedance state until the junction temperature drops 20°C.
Persistent heavy loads and elevated ambient temperatures can
cause the ADA4097-1/ADA4097-2 to oscillate in and out of thermal
shutdown depending on the power dissipated on the die, until the
heavy load is removed (see Figure 63).
Figure 63. ADA4097-1/ADA4097-2 Cycling In and Out of Thermal Shutdown
It is not recommended to operate near the maximum junction
temperature.
Typically, TJ can be estimated from TA and the device power
dissipation (PD × θJA), as shown in the following equation:
TJ = TA + PD × θJA
The power dissipation in the IC varies as a function of supply
voltage, the output voltage, and load resistance. For a given supply
voltage, the worst case power dissipation (PD(MAX)) in the IC occurs
when the supply current is maximum, and the output voltage is at
half of either supply voltage.
PDMAX =VSISMAX+ VSY22RLOAD
For a given supply voltage, use Figure 64 as a guide for estimating
the minimum load resistance that the ADA4097-1/ADA4097-2 can
drive for a given supply voltage and a given rise in junction temper-
ature (ΔTJ). For example, to limit ΔTJ to 50°C, the load driven on
the ±15 V supplies (+30 V total supply) must not be lower than
0.8 kΩ. Note that it is assumed that θJA is 192°C/W for the 6-lead
TSOT package only.
Figure 64. Minimum Load Resistance for Given ΔTJ and VSY
CIRCUIT LAYOUT CONSIDERATIONS
Careful and deliberate attention to detail when laying out the
ADA4097-1/ADA4097-2 boards yields optimal performance. Power
supply bypassing, parasitic capacitance, and component selection
all contribute to the overall performance of the amplifier.
POWER SUPPLY BYPASSING
On single supplies, solder the −VS supply pin directly to a low
impedance ground plane. Bypass the +VS pin to a low impedance
ground plane with a low effective series resistance (ESR) multilayer
ceramic capacitor (MLCC) of 0.1 µF, typically, as close to the ±VS
supply pins as possible. When driving heavy loads, add 10 µF of
supply capacitance. When using split supplies, these conditions are
applicable to the −VS supply pin.
The ADA4097-1/ADA4097-2 have an internal current source of
~0.6 μA on the SHDN pin (ADA4097-1) and the SHDNx pins
(ADA4097-2, the 10-lead LFCSP only) to pull the pins down to
−VS and to place the op amps in the default amplifying state. If
the shutdown state is not required, hard tie the SHDN pin and
the SHDNx pins to the −VS pin. If the SHDN pin and the SHDNx
pins are left floating or driven by a source with significant source
impedance (>100 Ω), bypass the −VS supply pin with a small, 1 nF
capacitor to prevent stray signals from coupling on the SHDN pin
and the SHDNx pins, which can inadvertently trigger shutdown.
GROUNDING
Use ground and power planes where possible to reduce the re-
sistance and inductance of the supply and ground returns. Place
bypass capacitors as close as possible to the ±VS supply pins, with
the other ends connected to the ground plane. It is recommended
to use a bypass capacitor of at least 0.1 µF when driving light
loads (load currents < 100 µA), and more capacitance when driving
heavier loads. Routing from the output to the load and return to the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com