Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4097-1BUJZ-R5 Datasheet(PDF) 22 Page - Analog Devices

Part # ADA4097-1BUJZ-R5
Description  50 V, 130 kHz, 32.5 關A per Channel, Robust, Over-The-Top, Precision Op Amps
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4097-1BUJZ-R5 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADA4097-1BUJZ-R5 Datasheet HTML 18Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 19Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 20Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 21Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 22Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 23Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 24Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 25Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
Data Sheet
ADA4097-1/ADA4097-2
THEORY OF OPERATION
analog.com
Rev. A | 22 of 31
Noise Gain = 1 + RF/RI
When the amplifiers transition to Over-The-Top operation with the
input common-mode biased near or above the +VS supply, consider
the value of RIN.
The noise gain of the amplifiers increases as shown in the following
equation:
Noise GainOTT= 1+ RF
RI RIN+RI RF
×
1+RI RFRIN
where Noise GainOTT is the Over-The-Top noise gain.
The dc closed-loop gain remains mostly unaffected (RF/RI). Howev-
er, the loop gain of the amplifier decreases, as expressed in the
following equation:
AOL1+RFRIto AOL
NoiseGainOTT
Likewise, the closed-loop bandwidth (BWCLOSED_LOOP) of the ampli-
fier changes going from normal operation to Over-The-Top opera-
tion.
In normal operation,
BWCLOSED_LOOP ≈
GBP
1+ RFRI
In Over-The-Top operation,
BWCLOSED_LOOP≈
GBP
NoiseGainOTT
Output voltage noise density (eno) is impacted when the device
transitions from normal operation to Over-The-Top operation. Resis-
tor noise is neglected in both modes of operation in the following
equations.
In normal operation, neglecting resistor noise,
eno≅en1+RFRI
where en is input referred voltage noise density.
In Over-The-Top operation, neglecting resistor noise,
eno≅en×Noise GainOTT
OUTPUT
The output of the ADA4097-1/ADA4097-2 can swing rail-to-rail to
within 15 mV of either supply with no load. The output can source
30 mA and sink 40 mA. The amplifiers are internally compensated
to drive at least 200 pF of load capacitance (CLOAD). Adding a
series resistance of 50 Ω between the output and larger capacitive
loads extends the capacitive drive capability of the amplifier.
If the ADA4097-1/ADA4097-2 enter shutdown, the VOUT
(ADA4097-1) pin or the VOUTx pins (ADA4097-2) appears as high
impedance with two steering diodes connected to either supply. In
this state, the output typically leaks <5 nA.
SHUTDOWN PINS (SHDN AND SHDNX)
The ADA4097-1/ADA4097-2 have dedicated shutdown pins (SHDN
for the ADA4097-1, and SHDN1 and SHDN2 for the 10-lead LFCSP
ADA4097-2 only) to place the amplifiers in a low power shutdown
state when asserted high. A logic high is defined by a voltage
≥1.5 V applied to the SHDN pin and SHDNx pins with respect to
the −VS pin. In shutdown, the amplifiers draw <20 μA of supply
current (see Figure 9) and the VOUT pin (ADA4097-1) or VOUTx pins
(ADA4097-2) are placed in a high impedance state.
The SHDN pin and SHDNx pins can be driven beyond the +VS
supply up to the absolute maximum voltage (60 V with respect to
−VS) and draw little current (<2.5 μA). For normal active amplifier
operation, the SHDN pin and SHDNx pins can be floated or driven
by an external low voltage source (within 0.5 V of −VS). If the SHDN
pin and SHDNx pins are left floating, an internal current source
(~600 nA) pulls these pins to –VS, which places the amplifiers into
a default, active amplifying state. Because of the close proximity
of the −IN pin (ADA4097-1) and −INx pins (ADA4097-2) and the
SHDN pin and SHDNx pins, respectively, fast edges on the −IN pin
and −INx pins can ac-couple to the adjacent high impedance SHDN
pin and SHDNx pins, inadvertently placing the devices in shutdown.
If this scenario is a concern, add a 1 nF capacitor between the
SHDN pin and SHDNx pins and the −VS pin.
Alternatively, the amplifiers can be effectively placed in a low power
state by removing +VS. In this low power state, the inputs typically
leak <1 nA with either the ±IN pins (ADA4097-1) or ±INx pins
(ADA4097-2) biased between −VS and 70 V above −VS. If the ±IN
pins and ±INx pins are taken below −VS, these pins appear as a
diode connected to the −VS supply in series with a resistance of
880 Ω. In this condition, limit the current to <10 mA.
Using an external source to drive the output beyond either ±VS
supply under shutdown conditions can produce unlimited current
and can damage the devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com