Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4097-1BUJZ-R5 Datasheet(PDF) 26 Page - Analog Devices

Part # ADA4097-1BUJZ-R5
Description  50 V, 130 kHz, 32.5 關A per Channel, Robust, Over-The-Top, Precision Op Amps
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4097-1BUJZ-R5 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADA4097-1BUJZ-R5 Datasheet HTML 22Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 23Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 24Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 25Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 26Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 27Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 28Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 29Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
Data Sheet
ADA4097-1/ADA4097-2
APPLICATIONS INFORMATION
analog.com
Rev. A | 26 of 31
ground plane must have minimal loop area to keep inductance to a
minimum.
ESD PROTECTION WHEN POWERED
ICs react to ESD strikes differently when unpowered vs. powered,
which falls under IEC-61000-4-2 standards (see the Absolute Max-
imum Ratings section). A device that performs well under HBM
conditions can perform poorly under International Electrotechnical
Commission (IEC) conditions. The ADA4097-1/ADA4097-2 are
thoroughly abused with ESD strikes under IEC conditions to create
a front-end circuit protection scheme that protects the devices
if subjected to ESD strikes. Figure 65 and Figure 66 show two
different protection schemes that extend the protection of the
ADA4097-1/ADA4097-2 to ±8 kV ESD strikes.
Consider the following when selecting components:
►
A component size of 0805 or larger to reduce chance of arc-over
►
Pulse withstanding, thick film resistors
►
C0G MLCC with a minimum rating of 100 V
►
Bidirectional, transient voltage suppression (TVS) diodes
In the circuit shown in Figure 65, R1 is a 220 Ω, Panasonic, 0805,
ERJ-P6 series, and C1 is a 100 pF, Yageo, 0805, 100 V, C0G/NPO.
Figure 65. ESD Protection Circuit (RC Network)
In the circuit shown in Figure 66, R1 is a 220 Ω, Panasonic, 0805,
ERJ-P6 series, and D1 is a Bourns CDSOD323-T36SC. An ESD
varistor can be considered for D1.
For more information on system level ESD considerations, see the
technical article, When Good Electrons Go Bad: How to Protect
Your Analog Front End, on the Analog Devices, Inc., website.
Figure 66. ESD Protection Circuit (R-TVS Network)
RELATED PRODUCTS
Table 10 describes several alternative precision amplifiers that can
also be considered for certain applications.
Table 10. ADA4097-1/ADA4097-2 Related Products
Model
VOS (µV)
IB (nA)
GBP (kHz)
en (nV/√Hz)
ISY (μA)
Common-Mode Input Range (V)
ADA4097-1
60
0.3
130
53
33
−VS to −VS + 70
ADA4097-2
60
0.3
130
53
33
−VS to −VS + 70
ADA4098-1
30
0.7
1000
17
165
−VS to −VS + 70
ADA4098-2
30
0.7
1000
17
165
−VS to −VS + 70
ADA4099-1
30
10
8000
7
1500
−VS to −VS + 70
ADA4099-2
30
10
8000
7
1500
−VS to −VS + 70
ADA4077-1
35
1
3900
7
500
−VS to +VS
LT6015
50
5
3200
18
335
−VS to −VS + 76
LT6014
60
0.4
1600
9.5
165
−VS to +VS
LT1494
375
1
2.7
185
1.5
−VS to −VS + 36
LT1490A
500
8
180
50
55
−VS to −VS + 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com