Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4097-1BUJZ-R5 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4097-1BUJZ-R5
Description  50 V, 130 kHz, 32.5 關A per Channel, Robust, Over-The-Top, Precision Op Amps
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4097-1BUJZ-R5 Datasheet(HTML) 5 Page - Analog Devices

  ADA4097-1BUJZ-R5 Datasheet HTML 1Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 2Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 3Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 4Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 5Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 6Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 7Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 8Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Data Sheet
ADA4097-1/ADA4097-2
SPECIFICATIONS
analog.com
Rev. A | 5 of 31
Table 1.
Parameter
Test Conditions/Comments
B Grade
H Grade
Unit
Min
Typ
Max
Min
Typ
Max
Amplifier shutdown,VSHDN = −VS
+ 1.5 V
12
20
12
20
µA
TMIN < TA < TMAX
22.5
22.5
µA
PSRR
VSY = +3 V to ±25 V
123
145
123
145
dB
TMIN < TA < TMAX
120
120
dB
THERMAL SHUTDOWN6
Temperature
TJ
175
175
°C
Hysteresis
20
20
°C
Operating Temperature
TA
−40
+125
−55
+150
°C
1 Thermoelectric voltages present in the high speed production test limit the measurement accuracy of this parameter. The limits shown in Table 1 are determined by test
capability and are not necessarily indicative of actual device performance.
2 Offset voltage drift is guaranteed through lab characterization and is not production tested.
3 Test accuracy is limited by high speed production test equipment repeatability. Bench measurements indicate that the input offset current in Over-The-Top configuration is
typically controlled to under 50 nA at +25°C and 100 nA over the −55°C < TA < +150°C temperature range.
4 VOD is +30 mV for VOUT high and −30 mV for VOUT low.
5 Maximum operating voltage is limited by the time-dependent dielectric breakdown (TDDB) of the on-chip capacitor oxides. The amplifier tolerates temporary transient
overshoot up to the specified absolute maximum rating, but the dc supply voltage must be limited to the maximum operating voltage.
6 Thermal shutdown is lab characterized only and is not tested in production.
±15 V SUPPLY
VCM = 0 V, SHDN pin (ADA4097-1) and SHDNx pins (ADA4097-2 for the 10-lead LFCSP only) are open, RLOAD = 499 kΩ to ground, and TA =
25°C, unless otherwise noted.
Table 2.
Parameter
Test Conditions/Comments
B Grade
H Grade
Unit
Min
Typ
Max
Min
Typ
Max
DC PERFORMANCE
VOS1
±20
±60
±20
±60
µV
TMIN < TA < TMAX
±150
±175
µV
VSY = ±25 V
±20
±60
±20
±60
µV
TMIN < TA < TMAX
±150
±175
µV
Input Offset Voltage Drift2
TMIN < TA < TMAX
±0.1
±1
±0.1
±1.5
µV/°C
Input Bias Current (IB)
±0.1
±0.3
±0.1
±0.3
nA
TMIN < TA < TMAX
±10
±25
nA
VSY = ±25 V
±0.1
±0.3
±0.1
±0.3
nA
TMIN < TA < TMAX
±10
±25
nA
IOS
±0.1
±0.3
±0.1
±0.3
nA
TMIN < TA < TMAX
±5
±10
nA
VSY = ±25 V
±0.1
±0.3
±0.1
±0.3
nA
TMIN < TA < TMAX
±5
±10
nA
CMRR
VCM = −14.75 V to +13.25 V
117
135
117
135
dB
TMIN < TA < TMAX
109
109
dB
VCM = −15.1 V to +13.25 V
117
135
117
135
dB
TMIN < TA < TMAX
93
92
dB
VCM = −15.1 V to +55 V
117
140
117
140
dB
TMIN < TA < TMAX
101
100
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com