Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4097-1BUJZ-R5 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4097-1BUJZ-R5
Description  50 V, 130 kHz, 32.5 關A per Channel, Robust, Over-The-Top, Precision Op Amps
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4097-1BUJZ-R5 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4097-1BUJZ-R5 Datasheet HTML 4Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 5Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 6Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 7Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 8Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 9Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 10Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 11Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Data Sheet
ADA4097-1/ADA4097-2
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. A | 8 of 31
Table 3.
Parameter
Rating
Supply Voltage1
Transient
60 V
Continuous
50 V
Power Dissipation (PD)
See Figure 3
Differential Input Voltage
±80 V
±IN and ±INx Pin Voltage2
Continuous
−10 V to +80 V
Survival
−15 V to +80 V
±IN and ±INx Pin Current2
10 mA
SHDN and SHDNx Pin Voltage3
−0.3 V to +60 V
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−55°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
TJ
175°C
1 Maximum supply voltage is limited by the TDDB of the on-chip capacitor ox-
ides. The amplifiers tolerate temporary transient overshoot up to the specified
transient maximum rating. The continuous operating supply voltage must be
limited to no more than 50 V.
2 ±IN refers to the +IN and −IN pins on the ADA4097-1, and ±INx refers to the
+IN1, −IN1, +IN2, and −IN2 pins on the ADA4097-2.
3 SHDN is Pin 5 on the ADA4097-1, and SHDNx refers to the SHDN1 and
SHDN2 pins (Pin 5 and Pin 6, respectively) on the ADA4097-2 (10-lead
LFCSP).
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress rating
only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
TJ exceeding 125°C promotes accelerated aging. The ADA4097-1/
ADA4097-2 demonstrate ±25 V supply operation beyond 1000
hours at TA = 150°C.
MAXIMUM POWER DISSIPATION
The maximum safe PD on the devices is limited by the associated
rise in either TC or TJ on the die. At approximately TC = 150°C,
which is the glass transition temperature, the properties of the
plastic changes. Exceeding this temperature limit, even temporarily,
may change the stresses that the package exerts on the die, which
permanently shifts the parametric performance of the ADA4097-1/
ADA4097-2. Exceeding TJ = 175°C for an extended period may
result in changes in the silicon devices and may potentially cause
failure of the devices.
The PD on the package is the sum of the quiescent power dissipa-
tion and the power dissipated in the package due to the output load
drive. The quiescent power is expressed as VSY × ISY, where ISY is
the quiescent current.
The PD due to the load drive depends on the application. The PD
due to load drive is calculated by multiplying the load current by
the associated voltage drop across the devices. RMS voltages and
currents must be used in these calculations.
Airflow increases heat dissipation, effectively reducing θJA. Addi-
tional metal that is directly in contact with the package leads from
metal traces through vias, ground, and power planes reduces θJA.
Figure 3 shows the maximum PD vs. TA for the single 6-lead TSOT
package on a JEDEC standard, 4‑layer board, with −VS connected
to a pad that is thermally connected to a printed circuit board (PCB)
plane. θJA values are approximations.
Figure 3. Maximum Power Dissipation vs. Ambient Temperature
THERMAL RESISTANCE
Thermal performance is directly linked to PCB design and operating
environment. Careful attention to PCB thermal design is required.
θJA is the junction to ambient thermal resistance, and θJC is the
junction-to-case thermal resistance.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
UJ-6
192
51
°C/W
R-8
120
38
°C/W
RM-8
163
40
°C/W
05-08-1699
43
5.5
°C/W
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of ESD-sen-
sitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Field induced charged device model (FICDM) per ANSI/ESDA/JE-
DEC JS-002.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com