Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1008LEVB2 Datasheet(PDF) 6 Page - Qorvo, Inc

Part # QPD1008LEVB2
Description  125W, 50V, DC ??3.2 GHz, GaN RF Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1008LEVB2 Datasheet(HTML) 6 Page - Qorvo, Inc

Back Button QPD1008LEVB2 Datasheet HTML 2Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 3Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 4Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 5Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 6Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 7Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 8Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 9Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 10Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
QPD1008L
125W, 50V, DC
– 3.2 GHz, GaN RF Transistor
Data Sheet Rev. I, October 2021 | Subject to change without notice
6 of 20
www.qorvo.com
Load-Pull Smith Charts1, 2
Notes:
1. 50 V, 260 mA, Pulsed signal with 128 uS pulse width and 10 % duty cycle.
2. See page 13 for load-pull and source-pull reference planes. 11.7-Ω load-pull TRL fixtures are built with 32-mil RO4360G2
material.
1GHz, Load-pull
52
51.8
51.6
20.3
19.8
19.3
76.1
66.1
64.1
62.1
• Max Power is 52dBm
at Z = 6.908+0.293i
= -0.2572+0.0198i
• Max Gain is 20.7dB
at Z = 8.54+7.58i
= -0.0139+0.3797i
• Max DEff is 76.2%
at Z = 8.258+11.168i
= 0.1071+0.4996i
Zo = 11.7
3dB Compression Referenced to Peak Gain
Zs(1fo) = 3.73+0.81i
Zs(2fo) = 2.74+6.49i
Zs(3fo) = 3.05+7.82i
Zl(2fo) = 2.72+6.48i
Power
Gain
DEFF
2GHz, Load-pull
52.1
51.9
51.7
15.5
15
14.5
14
74.1
66.1
64.1
62.1
• Max Power is 52.1dBm
at Z = 3.954-1.302i
= -0.4845-0.1235i
• Max Gain is 16dB
at Z = 5.414+2.957i
= -0.3277+0.2294i
• Max DEff is 74.6%
at Z = 3.01+1.93i
= -0.5638+0.2052i
Zo = 11.7
3dB Compression Referenced to Peak Gain
Zs(1fo) = 3.15-2.53i
Zs(2fo) = 7.95-13.87i
Zs(3fo) = 4.15+2.78i
Power
Gain
DEFF
3GHz, Load-pull
51.8
51.6
51.4
12.3
11.3
10.8
68.1
60.1
58.1
56.1
• Max Power is 51.9dBm
at Z = 3.157-3.18i
= -0.506-0.3224i
• Max Gain is 12.5dB
at Z = 2.946+0.959i
= -0.5909+0.1042i
• Max DEff is 69.7%
at Z = 2.951-1.075i
= -0.5886-0.1165i
Zo = 11.7
3dB Compression Referenced to Peak Gain
Zs(1fo) = 3.33-4.91i
Zs(2fo) = 35.1+0.03i
Zs(3fo) = 5.61-0.86i
Zl(2fo) = 4.58-4.74i
Power
Gain
DEFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com