Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1008LEVB2 Datasheet(PDF) 11 Page - Qorvo, Inc

Part # QPD1008LEVB2
Description  125W, 50V, DC ??3.2 GHz, GaN RF Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1008LEVB2 Datasheet(HTML) 11 Page - Qorvo, Inc

Back Button QPD1008LEVB2 Datasheet HTML 7Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 8Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 9Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 10Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 11Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 12Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 13Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 14Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 15Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
QPD1008L
125W, 50V, DC
– 3.2 GHz, GaN RF Transistor
Data Sheet Rev. I, October 2021 | Subject to change without notice
11 of 20
www.qorvo.com
Typical Performance
– 1.1 – 1.5 GHz EVB at 25 °C 1
Notes:
1.
Pulsed signal with 128 uS pulse width and 10 % duty cycle, Vd = 50 V, IDQ = 260 mA.
80
100
120
140
160
180
200
1.1
1.2
1.3
1.4
1.5
Frequency [GHz]
P3dB vs. Frequency
13
14
15
16
17
18
19
20
1.1
1.2
1.3
1.4
1.5
Frequency [GHz]
G3dB vs. Frequency
20
30
40
50
60
70
80
90
100
110
120
1.1
1.2
1.3
1.4
1.5
Frequency [GHz]
Pdiss at 3 dB Compression vs. Frequency
50
55
60
65
70
75
80
1.1
1.2
1.3
1.4
1.5
Frequency [GHz]
DEFF3dB vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com