Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1008LEVB2 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # QPD1008LEVB2
Description  125W, 50V, DC ??3.2 GHz, GaN RF Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1008LEVB2 Datasheet(HTML) 1 Page - Qorvo, Inc

  QPD1008LEVB2 Datasheet HTML 1Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 2Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 3Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 4Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 5Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 6Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 7Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 8Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
QPD1008L
125W, 50V, DC
– 3.2 GHz, GaN RF Transistor
Data Sheet Rev. I, October 2021 | Subject to change without notice
1 of 20
www.qorvo.com
Product Features
• Frequency: DC to 3.2 GHz
• Output Power (P3dB)1: 162 W
• Linear Gain1: 17.5 dB
• Typical DEFF3dB1: 74%
• Operating Voltage: 50 V
• Low thermal resistance package
• CW and Pulse capable
Note: 1 @ 2 GHz
General Description
The QPD1008L is a 125 W (P3dB) wideband unmatched
discrete GaN on SiC HEMT which operates from DC to 3.2
GHz with a 50V supply rail.
The device is in an industry
standard air cavity package and is ideally suited for military
and
civilian
radar,
land
mobile
and
military
radio
communications, avionics, and test instrumentation. The
device can support pulsed, CW, and linear operation.
Lead-free and ROHS compliant
Evaluation boards are available upon request.
Functional Block Diagram
Applications
• Military radar
• Civilian radar
• Land mobile and military radio communications
• Test instrumenation
• Wideband or narrowband amplifiers
• Jammers
• Avionics
Part No.
Description
QPD1008L
DC – 3.2 GHz RF Transistor
QPD1008LPCB4B01
0.96
– 1.215 GHz EVB
QPD1008LEVB2
1.1
– 1.5 GHz EVB
1
2


Similar Part No. - QPD1008LEVB2

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPD1008 QORVO-QPD1008 Datasheet
1Mb / 23P
125W, 50V, DC – 3.2 GHz, GaN RF Transistor
Rev. E, May 2020
QPD1008EVB2 QORVO-QPD1008EVB2 Datasheet
1Mb / 23P
125W, 50V, DC – 3.2 GHz, GaN RF Transistor
Rev. E, May 2020
QPD1008PCB4B01 QORVO-QPD1008PCB4B01 Datasheet
1Mb / 23P
125W, 50V, DC – 3.2 GHz, GaN RF Transistor
Rev. E, May 2020
More results

Similar Description - QPD1008LEVB2

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
QPD1013 TRIQUINT-QPD1013 Datasheet
2Mb / 25P
150W, 65V, DC ??2.7 GHz, GaN RF Transistor
QPD1018 TRIQUINT-QPD1018 Datasheet
1Mb / 17P
500W, 50V, 2.7 ??3.1 GHz, GaN RF IMFET
QPD1019 TRIQUINT-QPD1019 Datasheet
2Mb / 19P
500W, 50V, 2.9 ??3.3 GHz, GaN RF IMFET
QPD1022 TRIQUINT-QPD1022 Datasheet
2Mb / 23P
10W, 32V, DC ??12 GHz, GaN RF Transistor
logo
Qorvo, Inc
QPD1009 QORVO-QPD1009 Datasheet
1Mb / 28P
15W, 50V, DC ??4 GHz, GaN RF Transistor
2019
QPD1010 QORVO-QPD1010 Datasheet
2Mb / 25P
10W, 50V, DC ??4 GHz, GaN RF Transistor
October 2021
QPD1015 QORVO-QPD1015 Datasheet
1Mb / 27P
65W, 50V, DC ??3.7 GHz, GaN RF Transistor
2016
QPD1015L QORVO-QPD1015L Datasheet
1Mb / 27P
65W, 50V, DC ??3.7 GHz, GaN RF Transistor
2016
QPD1022 QORVO-QPD1022 Datasheet
2Mb / 22P
10W, 32V, DC ??12 GHz, GaN RF Transistor
February 2022
QPD1013 QORVO-QPD1013 Datasheet
2Mb / 25P
150W, 65V, DC – 2.7 GHz, GaN RF Transistor
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com