Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1008LEVB2 Datasheet(PDF) 12 Page - Qorvo, Inc

Part # QPD1008LEVB2
Description  125W, 50V, DC ??3.2 GHz, GaN RF Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1008LEVB2 Datasheet(HTML) 12 Page - Qorvo, Inc

Back Button QPD1008LEVB2 Datasheet HTML 8Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 9Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 10Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 11Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 12Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 13Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 14Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 15Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 16Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
QPD1008L
125W, 50V, DC
– 3.2 GHz, GaN RF Transistor
Data Sheet Rev. I, October 2021 | Subject to change without notice
12 of 20
www.qorvo.com
Pin Layout1
Notes:
1.
The QPD1008L
will be marked with the “QPD1008L” designator and a lot code marked below the part designator. The “YY”
represents the last two digits of the calendar year the part was manufactured, the “WW” is the work week of the assembly lot start,
the “MXXX” is the production lot number, and the “ZZZ” is an auto-generated serial number.
Pin Description
Pin
Symbol
Description
1
VG / RF IN
Gate voltage / RF Input
2
VD / RF OUT
Drain voltage / RF Output
3
Flange
Source to be connected to ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com