Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1008LEVB2 Datasheet(PDF) 18 Page - Qorvo, Inc

Part # QPD1008LEVB2
Description  125W, 50V, DC ??3.2 GHz, GaN RF Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1008LEVB2 Datasheet(HTML) 18 Page - Qorvo, Inc

Back Button QPD1008LEVB2 Datasheet HTML 12Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 13Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 14Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 15Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 16Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 17Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 18Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 19Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 20Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
QPD1008L
125W, 50V, DC
– 3.2 GHz, GaN RF Transistor
Data Sheet Rev. I, October 2021 | Subject to change without notice
18 of 20
www.qorvo.com
1.1
– 1.5 GHz Application Circuit - Layout
Board material is
RO4360G2 0.032” thickness with 1oz copper cladding. EVB dimension is 3” x 4”.
1.1
– 1.5 GHz Application Circuit - Bill Of material
Ref Des
Value
Quantity
Part Number
Manufacturer
C1
100 pF
1
0603G101J201S
Capax
C2
3.3 pF
1
600S3R3AT250XT
ATC
C12
3.9 pF
1
600S3R9AT250XT
ATC
C11, C15
22 pF
2
600S220FT250XT
ATC
C3, C7
0.1 uF
2
GRM188R72A104KA35D
Murata
C10, C14
1 uF
2
C2012X7S2A105M125AB
TDK
C13
100 uF, 63 V
1
EEETG1J101UP
Panasonic
R1, R7
50 Ohm
2
CRCW060350R0FKEA-ND
Vishay
R2
10 Ohm
1
CRCW060310R0JNEA
Vishay
L1
10 nH
1
0603CS-10NXJEW
Coilcraft
L2
12.5 nH
1
A04TJLC
Coilcraft
U1
2dB Atten.
1
RFP-250250-4AA2-1
Anaren



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com