Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1008LEVB2 Datasheet(PDF) 16 Page - Qorvo, Inc

Part # QPD1008LEVB2
Description  125W, 50V, DC ??3.2 GHz, GaN RF Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1008LEVB2 Datasheet(HTML) 16 Page - Qorvo, Inc

Back Button QPD1008LEVB2 Datasheet HTML 12Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 13Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 14Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 15Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 16Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 17Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 18Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 19Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 20Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
QPD1008L
125W, 50V, DC
– 3.2 GHz, GaN RF Transistor
Data Sheet Rev. I, October 2021 | Subject to change without notice
16 of 20
www.qorvo.com
0.96
– 1.215 GHz Application Circuit - Bill Of material
Ref Des
Value
Description
Manufacturer Part Number
C8, 10
1 nF
X7R 100V 5% 0603 Capacitor
AVX
06031C102JAT2A
C17 - 18
100 nF
X7R 100V 5% 0805 Capacitor
AVX
08051C104JAT2A
C28 - 29
2 pF
RF NPO 250VDC ± 0.1 pF Capacitor
AVX
800A2R0BT250XT
C23
– 24
2.4 pF
RF NPO 250VDC ± 0.1 pF Capacitor
AVX
800A2R4BT250XT
C20
3.0 pF
RF NPO 250VDC ± 0.1 pF Capacitor
AVX
800A3R0BT250X
C21
4.7pF
RF NPO 250VDC ± 0.1 pF Capacitor
AVX
800A4R7BT250XT
C25, 26
6.2 pF
RF NPO 250VDC ± 0.1 pF Capacitor
Passive Plus
0505C6R2BW301X
C22
13 pF
RF NPO 250VDC 1% Capacitor
AVX
800A100FT250X
C19, 27, 30, 31
56 pF
RF NPO 250VDC 1% Capacitor
Passive Plus
0505C560FW151X
C32, 33
100 pF
RF NPO 250VDC 1% Capacitor
Passive Plus
0505C101FW151X
C1
33 uF
RF NPO 250VDC 1% Capacitor
Panasonic
63SXV33M
C2
10 uF
RF NPO 250VDC 1% Capacitor
AVX
TPSC106KR0500
J1 - 2
SMA Panel Mount 4-hole Jack
Gigalane
PSF-S00-000
L1
5.6 nH
0805 5% Inductor
Coilcraft
0805CS-050XJE
L2
4.1 nH
0805 5% Inductor
Coilcraft
1008HQ-4N1X-LB
R4, 6
1 Ohm
0603 Thick Film Resistor
ANY
R5
3.3 Ohm
0603 Thick Film Resistor
ANY
R14, 15
5.1 Ohm
0603 Thick Film Resistor
ANY
R16
4.0 Ohm
0805CS High Power Thick Film Resistor
ND3-0805CS4R00J
R3
33 Ohm
0603 Thick Film Resistor
ANY
R20
3.9 Ohm
0805 Thick Film Resistor
ANY
R17, 18
7 Ohm
0805CS High Power Thick Film Resistor
IMS
ND3-0805CS7R00J
R19
510 Ohm
1206 Thick Film Resistor
ANY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com