Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1008LEVB2 Datasheet(PDF) 5 Page - Qorvo, Inc

Part # QPD1008LEVB2
Description  125W, 50V, DC ??3.2 GHz, GaN RF Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1008LEVB2 Datasheet(HTML) 5 Page - Qorvo, Inc

  QPD1008LEVB2 Datasheet HTML 1Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 2Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 3Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 4Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 5Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 6Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 7Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 8Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
QPD1008L
125W, 50V, DC
– 3.2 GHz, GaN RF Transistor
Data Sheet Rev. I, October 2021 | Subject to change without notice
5 of 20
www.qorvo.com
Maximum Channel Temperature
100
120
140
160
180
200
220
240
260
280
300
20
30
40
50
60
70
80
90
100
110
120
130
CW Dissipation Power (W)
Peak IR Surface Temperature vs. CW Dissipation Power
100
120
140
160
180
200
220
240
260
280
300
20
30
40
50
60
70
80
90
100
110
120
130
CW Dissipation Power (W)
Peak IR Surface Temperature vs. CW Dissipation Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com