Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPD1008LEVB2 Datasheet(PDF) 7 Page - Qorvo, Inc

Part # QPD1008LEVB2
Description  125W, 50V, DC ??3.2 GHz, GaN RF Transistor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPD1008LEVB2 Datasheet(HTML) 7 Page - Qorvo, Inc

Back Button QPD1008LEVB2 Datasheet HTML 3Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 4Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 5Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 6Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 7Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 8Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 9Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 10Page - Qorvo, Inc QPD1008LEVB2 Datasheet HTML 11Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
QPD1008L
125W, 50V, DC
– 3.2 GHz, GaN RF Transistor
Data Sheet Rev. I, October 2021 | Subject to change without notice
7 of 20
www.qorvo.com
Typical Performance
– Load-Pull Drive-up
Notes:
1.
Pulsed signal with 128 uS pulse width and 10 % duty cycle, Vd = 50 V, IDQ = 260 mA.
2.
See page 13 for load-pull and source-pull reference planes where the performance was measured.
37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53
16
17
18
19
20
21
22
23
24
25
26
Output Power [dBm]
Gain and DEFF vs. Output Power
1 GHz - Power Tuned
Zs(1fo) = 3.73+0.81i
Zs(2fo) = 2.74+6.49i
Zs(3fo) = 3.05+7.82i
Zl(1fo) = 6.91+0.29i
Zl(2fo) = 2.73+6.48i
37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53
0
10
20
30
40
50
60
70
80
90
100
Gain
DEFF
36
37
38
39
40
41
42
43
44
45
46
47
48
49
16
17
18
19
20
21
22
23
24
25
26
Output Power [dBm]
Gain and DEFF vs. Output Power
1 GHz - Efficiency Tuned
Zs(1fo) = 3.73+0.81i
Zs(2fo) = 2.74+6.49i
Zs(3fo) = 3.05+7.82i
Zl(1fo) = 8.26+11.17i
Zl(2fo) = 2.73+6.48i
36
37
38
39
40
41
42
43
44
45
46
47
48
49
0
10
20
30
40
50
60
70
80
90
100
Gain
DEFF
37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53
11
12
13
14
15
16
17
18
19
20
21
Output Power [dBm]
Gain and DEFF vs. Output Power
2 GHz - Power Tuned
Zs(1fo) = 3.15-2.53i
Zs(2fo) = 7.95-13.87i
Zs(3fo) = 4.15+2.78i
Zl(1fo) = 3.95-1.3i
Zl(2fo) = 3.3+6.73i
37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53
0
10
20
30
40
50
60
70
80
90
100
Gain
DEFF
37 38 39 40 41 42 43 44 45 46 47 48 49 50 51
11
12
13
14
15
16
17
18
19
20
21
Output Power [dBm]
Gain and DEFF vs. Output Power
2 GHz - Efficiency Tuned
Zs(1fo) = 3.15-2.53i
Zs(2fo) = 7.95-13.87i
Zs(3fo) = 4.15+2.78i
Zl(1fo) = 3.01+1.93i
Zl(2fo) = 3.18+6.38i
37 38 39 40 41 42 43 44 45 46 47 48 49 50 51
0
10
20
30
40
50
60
70
80
90
100
Gain
DEFF
37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53
8
9
10
11
12
13
14
15
16
17
18
Output Power [dBm]
Gain and DEFF vs. Output Power
3 GHz - Power Tuned
Zs(1fo) = 3.33-4.91i
Zs(2fo) = 35.1+0.03i
Zs(3fo) = 5.61-0.86i
Zl(1fo) = 3.16-3.18i
Zl(2fo) = 4.59-4.89i
37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53
0
10
20
30
40
50
60
70
80
90
100
Gain
DEFF
37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52
8
9
10
11
12
13
14
15
16
17
18
Output Power [dBm]
Gain and DEFF vs. Output Power
3 GHz - Efficiency Tuned
Zs(1fo) = 3.33-4.91i
Zs(2fo) = 35.1+0.03i
Zs(3fo) = 5.61-0.86i
Zl(1fo) = 2.95-1.07i
Zl(2fo) = 4.59-4.76i
37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52
0
10
20
30
40
50
60
70
80
90
100
Gain
DEFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com