Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-E Datasheet(PDF) 2 Page - Microchip Technology

Part # VSC8540XMVRT-E
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-E Datasheet(HTML) 2 Page - Microchip Technology

  VSC8540XMVRT-E Datasheet HTML 1Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 2Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 3Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 4Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 5Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 6Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 7Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 8Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 87 page
background image
VSC8540RT
DS60001603E-page 2
 2022 Microchip Technology Inc. and its subsidiaries
• IEEE 1588 Start of Frame (SOF) detection to enhance 1588v2 PTP time stamp accuracy
Fast Link Up/Link Drop Modes
• Fast link failure indication (programmable down to <150 µs)
Best-in-Class Power Consumption
• EcoEthernet™ v2.0 green energy efficiency with ActiPHY™, PerfectReach™, and IEEE 802.3az Energy-Efficient
Ethernet
• Fully optimized power consumption for all link speeds
• Clause 45 registers to support Energy-Efficient Ethernet
Key Specifications
• Compliant with IEEE 802.3 (10BASE-T, 100BASE-TX) specifications
• Supports RGMII, MII, RMII
• Supports a variety of clock sources: 25 MHz Xtal, 25 MHz OSC, 50 MHz OSC, 125 MHz OSC
• Supports programmable output frequencies of 25 MHz, 50 MHz, or 125 MHz, regardless of chosen Xtal or OSC
frequencies
• Supports a wide array of stand-alone hardware configuration options
• Supports all 5 bits of MDIO/MDC addressing possible for managed mode designs using pull-up/pull-down resis-
tors
• Low alpha mold compound (VQFN68 only)
• Optionally reports if a link partner is requesting inline Power-over-Ethernet (PoE and PoE+)
Operating Range
• Supply Voltage:
- Core: 1V (0.95V-1.05V)
- Analog Circuits: 2.5V (2.38V-2.62V)
- RGMII V1.3 and V2.0 (without HSTL support), MII, RMII V1.2:
supports 1.5V (1.425V-1.575V), 1.8V (1.71V-1.89V), 2.5V (2.38V-2.62V) and 3.3V (3.135V-3.465V)
• Temperature: –55 °C to 125 °C ambient
Packages
• VQFN68, 68-lead VQFN, 8 mm x 8 mm body size, 0.4 mm pin pitch and 0.9 mm maximum height
• CQFP68, 68-lead CQFP, 13.05 mm x 13.05 mm body size, 0.635 mm pin pitch and 3.68 mm maximum height
ESD
• HBM: 2000V
• CDM:
- VQFN68: 1000V
- CQFP68: 500V
Radiation Performances
• No Single Event Latch-up below a LET of 78 MeV.cm2/mg @125°C
• TID immunity successfully tested up to 100 Krad(si) according to ESCC-22900 test method.
Mass
• VQFN68: 154 mg
•CQFP68:
- With bended lead cut at 2 mm from edge: 2.008g
- With tie bars: 7.343g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com