Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-E Datasheet(PDF) 35 Page - Microchip Technology

Part # VSC8540XMVRT-E
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-E Datasheet(HTML) 35 Page - Microchip Technology

Back Button VSC8540XMVRT-E Datasheet HTML 31Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 32Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 33Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 34Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 35Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 36Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 37Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 38Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 87 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS60001603E-page 35
VSC8540RT
When using the connector loopback testing feature, the device auto-negotiation, speed, and duplex configuration is set
using device registers 0 and 4.
5.17.5
VERIPHY CABLE DIAGNOSTICS
The VSC8540RT device includes a comprehensive suite of cable diagnostic functions that are available using SMI
reads and writes. These functions enable a variety of cable operating conditions and status to be accessed and
checked. The VeriPHY suite has the ability to identify the cable length and operating conditions and to isolate a variety
of common faults that can occur on Cat5 twisted pair cabling.
For functional details of the VeriPHY suite and the operating instructions, see the ENT-AN0125 PHY, Integrated PHY-
Switch VeriPHY - Cable Diagnostics application note.
5.18
Configuration
The VSC8540RT device can be configured by setting internal memory registers using the management interface or by
using the unmanaged mode as described in Section 5.3.3, "Unmanaged Mode".
5.18.1
MANAGED APPLICATIONS
To configure the device using the management interface, perform the following steps.
1.
COMA_MODE active, drive high (optional).
2.
Apply power.
3.
Apply RefClk.
4.
Release reset, drive high. Power and clock must be high before releasing reset.
5.
Wait 15 ms minimum.
6.
Apply patch from PHY_API if available (required for production release, optional for board testing).
7.
Configure register 23 for MAC interface mode.
- Read register 23 (to access register 23, register 31 must be 0).
- Set bits 12:11, MAC configuration, as follows:
00: MII
10: RGMII
01: RMII
- Write new register 23.
8.
Software reset.
- Read register 0 (to access register 0, register 31 must be 0).
- Set bit 15 to 1.
- Write new register 0.
9.
Read register 0 until bit 15 equals to 0.
10. For RGMII mode: configure register 20E2 (to access register 20E2, register 31 must be set to 2). Set bit 11 to 0
and set RX_CLK delay and TX_CLK delay accordingly through bit [6:4] and/or bit [2:0] respectively.
11. Release the COMA_MODE pin, drive low (only necessary if COMA_MODE pin is driven high or unconnected).
5.18.2
UNMANAGED APPLICATIONS
To configure the device using unmanaged mode, perform the following steps.
1.
Apply power.
2.
Apply RefClk.
3.
Release reset, drive high. Power and clock must be high before releasing reset.
4.
Wait 15 ms minimum.
5.
(Optional) For applications that gain register access to the device using the management interface, steps 6–10
can then be performed in order to modify default settings.
5.18.3
INITIALIZATION
The COMA_MODE pin provides an optional feature that may be used to control when the PHYs become active. The
typical usage is to keep the PHYs from becoming active before they have been fully initialized. For more information,
see Section 5.18, "Configuration". Alternatively, the COMA_MODE pin may be connected low (ground) and the PHYs
will be fully active once out of reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com