Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-E Datasheet(PDF) 41 Page - Microchip Technology

Part # VSC8540XMVRT-E
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-E Datasheet(HTML) 41 Page - Microchip Technology

Back Button VSC8540XMVRT-E Datasheet HTML 37Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 38Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 39Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 40Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 41Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 42Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 43Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 44Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 87 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS60001603E-page 41
VSC8540RT
6.2.8
AUTO-NEGOTIATION LINK PARTNER NEXT PAGE RECEIVE
The bits in register 8 of the main register space work together with register 7 to determine certain aspects of the LP auto-
negotiation. The following table shows the possible readouts.
6.2.9
MMD ACCESS CONTROL REGISTER
The bits in register 13 of the main register space are a window to the EEE registers as defined in IEEE 802.3az-2010
Clause 45.
6.2.10
MMD ADDRESS OR DATA REGISTER
The bits in register 14 of the main register space are a window to the EEE registers as defined in IEEE 802.3az-2010
Clause 45.
6.2.11
100BASE-TX STATUS EXTENSION
Register 16 in the main registers page space provides additional information about the status of the 100BASE-TX oper-
ation.
TABLE 6-11:
AUTO-NEGOTIATION LP NEXT PAGE RECEIVE, ADDRESS 8 (0X08)
Bit
Name
Access
Description
Default
15
LP next page
RO
1: More pages follow.
0
14
Acknowledge
RO
1: LP acknowledge.
0
13
LP message page
RO
1: Message page.
0: Unformatted page.
0
12
LP acknowledge 2
RO
1: LP complies with request.
0
11
LP toggle
RO
1: Previous transmitted LCW = 0.
0: Previous transmitted LCW = 1.
0
10:0 LP message/unformatted code RO
All zeros
TABLE 6-12:
MMD EEE ACCESS, ADDRESS 13 (0X0D)
Bit
Name
Access
Description
15:14 Function
R/W
00: Address.
01: Data, no post increment.
10: Data, post increment for read and write.
11: Data, post increment for write only.
13:5
Reserved RO
Reserved.
4:0
DVAD
R/W
Device address as defined in IEEE 802.3az-2010 table 45–1.
TABLE 6-13:
MMD ADDRESS OR DATA REGISTER, ADDRESS 14 (0X0E)
Bit
Name
Access
Description
15:0 Register Address/Data R/W
When register 13.15:14 = 2'b00, address of register of the device
that is specified by 13.4:0. Otherwise, the data to be written to or
read from the register.
TABLE 6-14:
100BASE-TX STATUS EXTENSION, ADDRESS 16 (0X10)
Bit
Name
Access
Description
Default
15
100BASE-TX Descrambler
RO
1: Descrambler locked.
0
14
100BASE-TX lock error
RO
Self-clearing bit.
1: Lock error detected.
0
13
100BASE-TX disconnect state
RO
Self-clearing bit.
1: PHY 100BASE-TX link disconnect detected.
0
12
100BASE-TX current link status RO
1: PHY 100BASE-TX link active.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com