Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-E Datasheet(PDF) 38 Page - Microchip Technology

Part # VSC8540XMVRT-E
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-E Datasheet(HTML) 38 Page - Microchip Technology

Back Button VSC8540XMVRT-E Datasheet HTML 34Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 35Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 36Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 37Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 38Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 39Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 40Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 41Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 87 page
background image
VSC8540RT
DS60001603E-page 38
2022 Microchip Technology Inc. and its subsidiaries
6.2.1
MODE CONTROL
The device register at memory address 0 controls several aspects of the VSC8540RT device functionality. The following
table shows the available bit settings in this register and what they control.
6.2.2
MODE STATUS
The register at address 1 in the device main registers space enables reading the currently enabled mode setting. The
following table shows possible readouts of this register.
TABLE 6-3:
MODE CONTROL, ADDRESS 0 (0X00)
Bit
Name
Access
Description
Default
15
Software reset
R/W
Self-clearing. Restores all serial management interface (SMI)
registers to default state, except for sticky and super-sticky
bits.
1: Reset asserted.
0: Reset de-asserted. Wait 1 ?s after setting this bit to initiate
another SMI register access.
0
14
Loopback
R/W
1: Loopback enabled.
0: Loopback disabled. When loopback is enabled, the device
functions at the current speed setting and with the current
duplex mode setting (bits 6, 8, and 13 of this register).
0
13
Forced speed selection LSB R/W
Least significant bit. MSB is bit 6.
00: 10 Mbps
01: 100 Mbps
10: Reserved
11: Reserved
1
12
Autonegotiation enable
R/W
1: Autonegotiation enabled.
0: Autonegotiation disabled.
1
11
Power-down
R/W
1: Power down enabled.
0
10
Isolate
R/W
1: Disable MAC interface outputs and ignore MAC interface
inputs.
0
9
Restart autonegotiation
R/W
Self-clearing bit.
1: Restart autonegotiation on media interface.
0
8
Duplex
R/W
1: Full-duplex.
0: Half-duplex.
0
7
Collision test enable
R/W
1: Collision test enabled.
0
6
Forced speed selection
MSB
R/W
Most significant bit. LSB is bit 13.1
00: 10 Mbps
01: 100 Mbps
10: Reserved
11: Reserved
0
5:0 Reserved
RO
Reserved.
TABLE 6-4:
MODE STATUS, ADDRESS 1 (0X01)
Bit
Name
Access
Description
Default
15
100BASE-T4 capability
RO
1: 100BASE-T4 capable.
0
14
100BASE-TX FDX capability RO
1: 100BASE-TX FDX capable.
1
13
100BASE-TX HDX capability RO
1: 100BASE-TX HDX capable.
1
12
10BASE-T FDX capability
RO
1: 10BASE-T FDX capable.
1
11
10BASE-T HDX capability
RO
1: 10BASE-T HDX capable.
1
10
100BASE-T2 FDX capability RO
1: 100BASE-T2 FDX capable.
0
9
100BASE-T2 HDX capability RO
1: 100BASE-T2 HDX capable.
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com