Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-E Datasheet(PDF) 74 Page - Microchip Technology

Part # VSC8540XMVRT-E
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-E Datasheet(HTML) 74 Page - Microchip Technology

Back Button VSC8540XMVRT-E Datasheet HTML 70Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 71Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 72Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 73Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 74Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 75Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 76Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 77Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 78Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 87 page
background image
VSC8540RT
DS60001603E-page 74
2022 Microchip Technology Inc. and its subsidiaries
FIGURE 8-6:
UNCOMPENSATED RGMII TIMING
8.4.10
COMPENSATED RGMII
The following table lists the characteristics when using the device in RGMII compensated mode.
TABLE 8-26:
PHY INPUT (GTX_CLK DELAY WHEN REGISTER 20E2.[2:0]=011’B)
Parameter
Symbol
Minimum
Typical
Maximum Unit
Data to clock setup (TX_CLK
delay = 011’b)
tSETUP_T –1.0
ns
Clock to data hold (TX_CLK
delay = 011’b)
tHOLD_T 2.8
ns
tSKEWT
TXD[3:0]
TX_CTL
TX_CLK (at Transmitter)
TX_CLK (at Receiver)
tSKEWR
TXD[3:0]
TXD[7:4]
TXEN
TXERR
tSKEWT
RXD[3:0]
RX_CTL
RX_CLK (at Transmitter)
RX_CLK (at Receiver)
tSKEWR
RXD[3:0]
RXD[7:4]
RXDV
RXERR
tCYC
80%
20%
tR, tF
VTHRESH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com