Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-E Datasheet(PDF) 14 Page - Microchip Technology

Part # VSC8540XMVRT-E
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-E Datasheet(HTML) 14 Page - Microchip Technology

Back Button VSC8540XMVRT-E Datasheet HTML 10Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 11Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 12Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 13Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 14Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 15Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 16Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 17Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 87 page
background image
VSC8540RT
DS60001603E-page 14
 2022 Microchip Technology Inc. and its subsidiaries
4.0
ORDERING INFORMATION
The VSC8540RT device is offered in two lead-free (Pb-free) 68-pin packages
• Very Small Quad Flat No-lead (VQFN68) plastic package with an exposed pad, 8 mm × 8 mm body size, 0.4 mm
pin pitch, and 0.9 mm maximum height
• Ceramic Quad Flat Package (CQFP68) with a heat slug, 13.05 mm x 13.05 mm body size, 0.635 mm pin pitch and
3.68 mm maximum height
The following table lists the ordering information for the VSC8540RT device.
Note 1: Screening and quality flows are described in the Aerospace & Defense AEQA0242 specification, available
on Microchip web site.
TABLE 4-1:
ORDERING INFORMATION
Ordering Code
Interface
Ethernet Bandwidth
Package
Quality Flow1
VSC8540WZBRT-E
RGMII/MII/RMII
10/100 Mbps
CQFP68
Engineering Samples
VSC8540WZBRT-MQ
QML-Q equivalent
VSC8540WZBRT-SV
QML-V equivalent
VSC8540WZBRT-HC
Hirel Ceramic (HC)
VSC8540XMVRT-HP
VQFN68
Hirel Plastic (HP)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com