Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-E Datasheet(PDF) 48 Page - Microchip Technology

Part # VSC8540XMVRT-E
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-E Datasheet(HTML) 48 Page - Microchip Technology

Back Button VSC8540XMVRT-E Datasheet HTML 44Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 45Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 46Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 47Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 48Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 49Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 50Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 51Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 87 page
background image
VSC8540RT
DS60001603E-page 48
2022 Microchip Technology Inc. and its subsidiaries
Note:
Bits 30.11:10 are active only in port 0 and affect the behavior of LEDs for all the ports.
6.2.24
EXTENDED PAGE ACCESS
To provide functionality beyond the IEEE 802.3-specified registers and main device registers, an extended set of regis-
ters provide an additional 15 register spaces.
The register at address 31 controls access to the extended registers. Accessing the GPIO page register space is similar
to accessing the extended page registers. The following table shows the settings available.
6.3
Extended Page 1 Registers
To access the extended page 1 registers (17E1–30E1), enable extended register access by writing 0x0001 to register
31. Writing 0x0000 to register 31 restores the main register access.
When extended page 1 register access is enabled, reads and writes to registers 16–30 affect the extended registers
17E1–30E1 instead of those same registers in the IEEE-specified register space. Registers 0–15 are not affected by
the state of the extended page register access.
11:10
LED blink/pulse-stretch rate
R/W
Sticky bit.
00: 2.5 Hz blink rate/400 ms pulse-stretch.
01: 5 Hz blink rate/200 ms pulse-stretch.
10: 10 Hz blink rate/100 ms pulse-stretch.
11: 20 Hz blink rate/50 ms pulse-stretch.
The blink rate selection sets the rate used for all
LED pins.
01
9:7
Reserved
RO
Reserved.
6
LED1 pulse-stretch/blink
select
R/W
Sticky bit.
1: Pulse-stretch.
0: Blink.
0
5
LED0 pulse-stretch/blink
select
R/W
Sticky bit.
1: Pulse-stretch.
0: Blink.
0
4:2
Reserved
RO
Reserved.
1
LED1 combine feature disable R/W
Sticky bit.
0: Combine enabled (link/activity, duplex/collision).
1: Disable combination (link only, duplex only).
0
0
LED0 combine feature disable R/W
Sticky bit.
0: Combine enabled (link/activity, duplex/collision).
1: Disable combination (link only, duplex only).
0
TABLE 6-27:
EXTENDED/GPIO REGISTER PAGE ACCESS, ADDRESS 31 (0X1F)
Bit
Name
Access
Description
Default
15:0 Extended/GPIO page
register access
R/W
0x0000: Register 16–30 accesses main register space. Writ-
ing 0x0000 to register 31 restores the main register access.
0x0001: Registers 16–30 access extended register space 1.
0x0002: Registers 16–30 access extended register space 2.
0x0010: Registers 0–30 access GPIO register space.
0x0000
TABLE 6-28:
EXTENDED REGISTERS PAGE 1 SPACE
Address
Name
17E1
Reserved
18E1
Cu Media CRC Good Counter
19E1
Extended Mode Control
TABLE 6-26:
LED BEHAVIOR, ADDRESS 30 (0X1E) (CONTINUED)
Bit
Name
Access
Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com