Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8540XMVRT-E Datasheet(PDF) 47 Page - Microchip Technology

Part # VSC8540XMVRT-E
Description  Radiation-Tolerant Single Port Fast Ethernet Copper PHY with RGMII/MII/RMII Interfaces
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VSC8540XMVRT-E Datasheet(HTML) 47 Page - Microchip Technology

Back Button VSC8540XMVRT-E Datasheet HTML 43Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 44Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 45Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 46Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 47Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 48Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 49Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 50Page - Microchip Technology VSC8540XMVRT-E Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 87 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS60001603E-page 47
VSC8540RT
6.2.22
LED MODE SELECT
The device LED outputs are controlled using the bits in register 29 of the main register space. The following table shows
the information needed to access the functionality of each of the outputs. For more information about LED modes, see
Table 5-14. For information about enabling the extended LED mode bits in Register 19E1 bits 13 to 12, see Table 5-16
.
6.2.23
LED BEHAVIOR
The bits in register 30 control and enable you to read the status of the pulse or blink rate of the device LEDs. The fol-
lowing table shows the settings you can write to the register or read from the register.
7
ActiPHY link status time-out control [1] R/W
Sticky bit. Bits 7 and 2 are part of the ActiPHY
Link Status time-out control. Bit 7 is the MSB.
00: 2.3 seconds.
01: 3.3 seconds.
10: 4.3 seconds.
11: 5.3 seconds.
0
6
ActiPHY mode enable
R/W
Sticky bit.
1: Enabled.
0
5
FDX status
RO
1: Full-duplex.
0: Half-duplex.
0
4:3 Speed status
RO
00: Speed is 10BASE-T.
01: Speed is 100BASE-TX.
10: Reserved.
11: Reserved.
00
2
ActiPHY link status time-out control [0] R/W
Sticky bit. Bits 7 and 2 are part of the ActiPHY
Link Status time-out control. Bit 7 is the MSB.
00: 2.3 seconds.
01: 3.3 seconds.
10: 4.3 seconds.
11: 5.3 seconds.
1
1:0 Media mode status
RO
00: No media selected.
01: Copper media selected.
10: Reserved.
11: Reserved.
00
TABLE 6-25:
LED MODE SELECT, ADDRESS 29 (0X1D)
Bit
Name
Access
Description
Default
15
Reserved
RO
Reserved.
14:8
Reserved
RO
Reserved.
7:4
LED1 mode select R/W
Sticky bit. Select from LED modes 0–15.
0101
3:0
LED0 mode select R/W
Sticky bit. Select from LED modes 0–15.
0100
TABLE 6-26:
LED BEHAVIOR, ADDRESS 30 (0X1E)
Bit
Name
Access
Description
Default
15:13 Reserved
RO
Reserved.
12
LED pulsing enable
R/W
Sticky bit.
0: Normal operation.
1: LEDs pulse with a 5 kHz, programmable duty
cycle when active.
0
TABLE 6-24:
AUXILIARY CONTROL AND STATUS, ADDRESS 28 (0X1C) (CONTINUED)
Bit
Name
Access
Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com