Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8021 Datasheet(PDF) 6 Page - Vitesse Semiconductor Corporation

Part # VSC8021
Description  2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8021 Datasheet(HTML) 6 Page - Vitesse Semiconductor Corporation

Back Button VSC8021 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 10Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8021/VSC8022
2.5Gb/s SONET-Compatible
8-Bit MUX/DEMUX Chipset
Page 6
G52028-0, Rev 4.1
05/25/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Table 2: VSC8022 Demultiplexer AC Characteristics
NOTE: (1) If t C changes, all the remaining parameters change as indicated by the equations.
DC Characteristics
Table 3: Low Speed ECL Inputs and Outputs
(Over recommended operating range with internal VREF, VCC = GND, output load = 50Ω to -2.0V)
Note: Differential ECL output pins must be terminated identically.
Table 4: High-Speed Inputs and Outputs
(Over recommended operating conditions, VCC = GND, Output load = 50Ω to -2.0V)
NOTES: (1) A reference generator is built in to each high-speed input, and these inputs are designed to be AC-coupled.
(2) If a high-speed input is used single-ended, a 150pF capacitor must be connected between the unused high-speed or comple-
ment input and the power supply (VTT).
(3) Differential high-speed outputs must be terminated identically.
Parameter
Description
Min
Typ
Max
Units
Conditions
tC
Clock period(1)
400
ps
tD
BYTE clock period (tD = tC x 8) (framed)
3.2
ns
tBD
BYTE clock output to valid data
0.5
1.0
2.0
ns
tDFP
FP rising edge from parallel data output
change from A1 to A2 (tDFP = tD)
3.2
ns
tPFP
FP pulse width (tPFP = tD)3.2
ns
tOOFN
OOFN falling edge before A1 chan
ges to A2 (tOOFN = tD x 4)
12.8
ns
tOOFNPW
OOFN pulse width (tOOFNPW = tD)3.2
ns
Phase
Margin
Serial data phase timing margin with respect
to high-speed clock:
135
180
degrees
Parameter
Description
Min
Typ
Max
Units
Conditions
VOH
Output HIGH voltage
-1020
-700
mV
VIN = VIH (max) or VIL (min)
VOL
Output LOW voltage
VTT
-1620
mV
VIN = VIH (max) or VIL (min)
VIH
Input HIGH voltage
-1150
-600
mV
Guaranteed HIGH signal for
all inputs
VIL
Input LOW voltage
VTT
-1500
mV
Guaranteed LOW signal for
all inputs
∆V
OUT
Output voltage swing
0.8
1.0
1.4
V
Output load 50
Ω to V
TT
Parameter
Description
Min
Typ
Max
Units
Conditions
∆V
IN
Input voltage swing
0.8
1.0
1.2
V
AC-coupled
VOH
Output HIGH voltage
-0.9
V
Output load, 50
Ω to -2.0V
VOL
Output LOW voltage
-1.8
V
Output load, 50
Ω to -2.0V
∆V
OUT(DATA)
Output voltage swing for data
0.6
0.8
1.2
V
Output load, 50
Ω to -2.0V
∆V
OUT(clk)
Output voltage swing for clock
0.6
0.7
1.2
V
Output load, 50
Ω to -2.0V
1
t
SU
t
H
+
t
C
-------------------
–


360
°
Phase Margin =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com