Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8021 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC8021
Description  2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8021 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC8021 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8021/VSC8022
2.5Gb/s SONET-Compatible
8-Bit MUX/DEMUX Chipset
Page 2
G52028-0, Rev 4.1
05/25/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
An internal Phase Detector and Phase Adjust Circuit are used to facilitate the two asynchronous circuits to
work with each other. The Phase Detector and the Phase Adjust Circuit work together to adjust the internal
clock CLK8 to make sure the set up and hold conditions are met for the internal registers. CLK8 is derived from
CLKI and the RCLK is a non-phase varying byte clock output. The edge sensitive SYNC signal is simply the
control signal that enables the Phase Detector circuitry.
As a summary, the CLKI is the high-speed clock input. The BYCLK is the external byte clock. The CLK8
is the internal byte clock derived from CLKI, phase-adjusted if SYNC is enabled. The RCLK is a non-phase-
adjusted divided-by-8 clock generated from CLKI. The phase of RCLK, RCLKN is not affected by the self-
adjusting circuitry, therefore it can be used as a system reference clock. RCLK, RCLKN can be used by the sys-
tem designer to generate BYCLK, BYCLKN. The self-positioning timer and RCLK, RCLKN allow for the cre-
ation of very tight parallel data timing for the VSC8021.
Figure 1: VSC8021 Block Diagram
ERR
Phase Adjustable
Byte Clock Output
CLK8
CLK8N
Serial Data Output
8:1
Multiplexer
Timing
Generator
DO
DON
High Speed
Clock Inputs
CLKI
CLKIN
Byte Clock
Inputs
BYCLK
BYCLKN
High Speed
Clock
CO
CON
Independent
Byte Clock Output
RCLK
RCLKN
8
8
Parallel
Data
D1
D1N
D8
D8N
Phase
Adjust
SYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com