Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8021 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC8021
Description  2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8021 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC8021 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
G52028-0, Rev 4.1
Page 1
05/25/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Data Sheet
VSC8021/VSC8022
8-Bit MUX/DEMUX Chipset
2.5Gb/s SONET-Compatible
Features
Functional Description
The VSC8021 and VSC8022 are high-speed SONET interface devices capable of handling serial data at
rates up to 2.5Gb/s. These devices can be used for STS-3 through STS-48 SONET applications.
These products are fabricated in gallium arsenide using the Vitesse H-GaAs
 E/D MESFET process which
achieves high-speed and low power dissipation. These products are packaged in a ceramic 52-pin leaded
ceramic chip carrier.
VSC8021
The VSC8021 contains an 8:1 multiplexer and a self-positioning timer. The 8:1 multiplexer accepts 8 paral-
lel differential ECL data inputs (D1-D8, D1N-D8N) at rates up to 312.5Mb/s and multiplexes them into a serial
differential bit stream output (DO, DON) at rates up to 2.5Gb/s.
The internal timing of the VSC8021 is built around the high-speed clock (up to 2.5GHz) delivered onto the
chip through a differential input (CLKI, CLKIN). This signal is subsequently echoed at the high-speed differen-
tial output (CO, CON).
The parallel data inputs are clocked to on-chip input registers with an externally supplied differential ECL
input (BYCLK, BYCLKN) operating at the same rate as the data inputs. An internal byte clock, which is a
divide-by-8 version of the high-speed clock, is used to transfer the data to a set of buffer registers. This internal
byte clock is brought off chip at the ECL output CLK8, CLK8N.
Internal circuitry monitors the internal and external byte clocks and generates an ERR signal if a timing
violation is detected. This signal can be gated to the SYNC input which is edge sensitive high. An active SYNC
input allows the VSC8021 timing to shift, positioning it properly against the external byte clock, CLK8,
CLK8N. When a CLK8 timing switch is made, normal data flow will be invalid for 1 byte.
There are two clock inputs, CLKI and BYCLK, going into the VSC8021. These two clocks serve as timing
references for different parts of the VSC8021. The BYCLK is used to trigger the input registers for the parallel
data inputs, while the CLKI is used to trigger the high-speed serial output register as well as some of the timing
circuitry for the parallel to serial conversion. Furthermore, in order to make this part easy to use, the user is not
required to assume a known phase relationship between CLKI and the BYCLK.
• Differential or Single-Ended Inputs and Outputs
• Low Power Dissipation: 2.3W (Typ Per Chip)
• Standard ECL Power Supplies:
VEE = -5.2V, VTT = -2.0V
• Available in Commercial (0
°C to +70°C) or Industrial
(-40
°C to +85°C) Temperature Ranges
• Proven E/D Mode GaAs Technology
• 52-Pin Leaded Ceramic Chip Carrier
• Serial Data Rates up to 2.5Gb/s
• Parallel Data Rates up to 312.5Mb/s
• ECL 100K Compatible Parallel Data I/Os
• Divide-by-8 Clock for Synchronization of
Parallel Data to Interfacing Chips
• SONET Frame Recovery Circuitry
(VSC8022)
• Compatible with STS-3 to STS-48
SONET Applications


Similar Part No. - VSC8021

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC8061 VITESSE-VSC8061 Datasheet
684Kb / 20P
2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
VSC8061FC VITESSE-VSC8061FC Datasheet
684Kb / 20P
2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
VSC8061FI VITESSE-VSC8061FI Datasheet
684Kb / 20P
2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
VSC8061QH VITESSE-VSC8061QH Datasheet
684Kb / 20P
2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
VSC8062 VITESSE-VSC8062 Datasheet
684Kb / 20P
2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
More results

Similar Description - VSC8021

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7927 VITESSE-VSC7927 Datasheet
124Kb / 12P
SONET/SDH 2.5Gb/s Laser Diode Driver
logo
Pericom Semiconductor C...
PI5C3251 PERICOM-PI5C3251 Datasheet
373Kb / 6P
8:1 Mux/DeMux BusSwitch
logo
Vitesse Semiconductor C...
VSC8061FI VITESSE-VSC8061FI Datasheet
684Kb / 20P
2.5Gb/s 16-Bit Multiplexer/Demultiplexer Chipset
VSC8116 VITESSE-VSC8116 Datasheet
358Kb / 20P
ATM/SONET/SDH 622/155Mb/s Transceiver Mux/Demux with Integrated Clock Generation
VSC7924 VITESSE-VSC7924 Datasheet
110Kb / 12P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7925 VITESSE-VSC7925 Datasheet
106Kb / 10P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC9210 VITESSE-VSC9210 Datasheet
973Kb / 2P
2.5Gb/s SONET/SDH FEC Encoder and Decoder
logo
Potato Semiconductor Co...
PO3B3251A POTATO-PO3B3251A_14 Datasheet
1Mb / 6P
8:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI5C3251 PERICOM-PI5C3251_11 Datasheet
481Kb / 4P
8:1 Mux/DeMux BusSwitch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com