Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8021 Datasheet(PDF) 12 Page - Vitesse Semiconductor Corporation

Part # VSC8021
Description  2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8021 Datasheet(HTML) 12 Page - Vitesse Semiconductor Corporation

Back Button VSC8021 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 16Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8021/VSC8022
2.5Gb/s SONET-Compatible
8-Bit MUX/DEMUX Chipset
Page 12
G52028-0, Rev 4.1
05/25/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
NOTE: (1) Pin #23 is connected to the heat sink. Connect to VEE or most negative chip voltage.
33
VEE
Pwr
-5.2V
Power Supply for High-Speed Logic
34
D1
I
ECL
Parallel Data Bit 1, True
35
D1N
I
ECL
Parallel Data Bit 1, Complement
36
VCC
Pwr
0V
Ground
37
D2
I
ECL
Parallel Data Bit 2, True
38
D2N
I
ECL
Parallel Data Bit 2, Complement
39
D3
I
ECL
Parallel Data Bit 3, True
40
D3N
I
ECL
Parallel Data Bit 3, Complement
41
D4
I
ECL
Parallel Data Bit 4, True
42
D4N
I
ECL
Parallel Data Bit 4, Complement
43
VCC
Pwr
0V
Ground
44
BYCLK
I
ECL
Divide-by-8 Clock, True
45
BYCLKN
I
ECL
Divide-by-8 Clock, Complement
46
VTT
Pwr
-2.0V
Power Supply for Internal Reference and Low Power Logic
47
D5
I
ECL
Parallel Data Bit 5, True
48
D5N
I
ECL
Parallel Data Bit 5, Complement
49
VCC
Pwr
0V
Ground
50
D6
I
ECL
Parallel Data Bit 6, True
51
D6N
I
ECL
Parallel Data Bit 6, Complement
52
D7
I
ECL
Parallel Data Bit 7, True



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com