Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8021 Datasheet(PDF) 3 Page - Vitesse Semiconductor Corporation

Part # VSC8021
Description  2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8021 Datasheet(HTML) 3 Page - Vitesse Semiconductor Corporation

  VSC8021 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
G52028-0, Rev 4.1
Page 3
05/25/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Data Sheet
VSC8021/VSC8022
8-Bit MUX/DEMUX Chipset
2.5Gb/s SONET-Compatible
VSC8022
The VSC8022 contains both a 1:8 demultiplexer and SONET frame recovery circuitry. The 1:8 demultiplexer
accepts a serial data input (
DI, DIN) at rates up to 2.5Gb/s and converts it into 8 parallel differential ECL data outputs
(
D1-D8, D1N-D8N) at rates up to 312.5Mb/s. Valid parallel data outputs are indicated by the divide by 8 differential
clock outputs
BYCKO, BYCKON.
The VSC8022 also contains a SONET frame recovery circuit. The frame recovery circuits are enabled by a fall-
ing edge on the
OOFN ECL input when the FDIS input is low. Once enabled, the frame recovery circuit starts look-
ing for the SONET framing sequence. Once the frame is detected, the word boundary is realigned, a confirmation
signal is sent off-chip through the
FP ECL output and the frame recovery circuits are disabled. While the frame
aligner is hunting for the frame,
BYCKO, BYCKON and parallel data are invalid.
Figure 2: VSC8022 Block Diagram
Frame recovery circuits are disabled by frame detection (resulting in FP) or by a falling edge on the OOFN
input while FDIS is high.
Parallel
Data Outputs
Serial Data In
1:8
Demultiplexer
Timing
Generator
High Speed
Clock Inputs
— Frame Detection Signal
DI
D1
CLKI
CLKIN
DIN
D1N
Byte Clock Out
BYCKO
BYCKON
FP
D8
D8N
SONET
Frame
Detection &
Recovery
FDIS
OOFN
Frame Recovery Disable —
Frame Recovery Clock —



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com