Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8021 Datasheet(PDF) 9 Page - Vitesse Semiconductor Corporation

Part # VSC8021
Description  2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8021 Datasheet(HTML) 9 Page - Vitesse Semiconductor Corporation

Back Button VSC8021 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 13Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
G52028-0, Rev 4.1
Page 9
05/25/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Data Sheet
VSC8021/VSC8022
8-Bit MUX/DEMUX Chipset
2.5Gb/s SONET-Compatible
Figure 5: SONET Frame Structure
High-Speed Inputs
In the past, the high-speed inputs, which are typically used for serial data and high-speed clock inputs with
frequencies greater than 1GHz, were specified with absolute minimum and maximum voltage values. Since
these inputs are intended for AC-coupled applications, they have been re-specified in terms of a voltage swing
(
∆V
IN).
High-speed clocks are intended for AC-coupled operation. In most situations high-speed serial data will
have high transition density and contain no DC offsets, making them candidates for AC-coupling as well. How-
ever, it is possible to employ DC-Pcoupling when the serial input data contains a DC component.
The structure of the high-speed input circuit is shown in Figure 6. DC-coupled circuits may be used to oper-
ate this input provided that the input swing is centered around the reference voltage. It is recommended that, in
single-ended DC-coupling situations, the user provide an external reference which has better temperature and
power supply rejection than the simple on-chip voltage divider. This external reference should have a nominal
value of -3.5V and can be connected to the complementary input. This complication can be avoided in DC-cou-
pled situations by using differential signals.
Figure 6: High-Speed Input Circuit Structure
3 x 3 Bytes
Transport
Overhead
STS-3 Envelope
Capacity
125
µs
STS-3 Frame
3 x 90 Bytes
A1s and A2s: SONET Framing Sequence
C1s: STS Frame ID
DATA
3 A1s
9 Rows
3 A2s
3 C1s
3 x 48 Bytes
Transport
Overhead
STS-48 Envelope
Capacity
125
µs
STS-48 Frame
48 x 90 Bytes
DATA
48 A1s
9 Rows
48 A2s
48 C1s
50•
Chip Boundary
-3.5 V
-3.5 V
VCC = GND
VEE = -5.2V
150 pF
VTT
VTT
R
• 1k•
150 pF
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com