Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8021 Datasheet(PDF) 14 Page - Vitesse Semiconductor Corporation

Part # VSC8021
Description  2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8021 Datasheet(HTML) 14 Page - Vitesse Semiconductor Corporation

Back Button VSC8021 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 17Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8021/VSC8022
2.5Gb/s SONET-Compatible
8-Bit MUX/DEMUX Chipset
Page 14
G52028-0, Rev 4.1
05/25/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Table 8: VSC8022 Pin Identifications
Pin #
Signal Name
I/O
Level Type
Description
1
NC
No Connection
2
NC
No Connection
3
D2N
O
ECL
Parallel Data Bit 2, Complement
4VCC
Pwr
0V
Ground
5
D2
O
ECL
Parallel Data Bit 2, True
6
D1N
O
ECL
Parallel Data Bit 1, Complement
7VTT
Pwr
-2.0
Power Supply for Internal Reference Generation and Low Power
Logic
8
D1
O
ECL
Parallel Data Bit 1, True
9FP
O
ECL
Frame Pulse. This pulse will appear one byte period after the first
A2 byte appears on the parallel data output pins.
10
VCC
Pwr
0V
Ground
11
FDIS
I
ECL
Frame Recovery Disable
12
OOFN
I
ECL
Frame Recovery Enable
13
NC
No Connection
14
NC
No Connection
15
DI
I
HS
High-Speed Serial Data Bit 1, True
16
DIN
I
HS
High-Speed Serial Data Bit 1, Complement
17
CLKI
I
HS
High-Speed Clock, True
18
VCC
Pwr
0V
Ground
19
CLKIN
I
HS
High-Speed Clock, Complement
20
NC
No Connection
21
NC
No Connection
22
NC
No Connection
23
VEE(1)
Pwr
-5.2V
Power Supply for High-Speed Logic
24
NC
No Connection
25
NC
No Connection
26
NC
No Connection
27
NC
No Connection
28
NC
No Connection
29
NC
No Connection
30
VCC
Pwr
0V
Ground
31
D8N
O
ECL
Parallel Data Bit 8, Complement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com