Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8021 Datasheet(PDF) 16 Page - Vitesse Semiconductor Corporation

Part # VSC8021
Description  2.5Gb/s SONET-Compatible 8-Bit MUX/DEMUX Chipset
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8021 Datasheet(HTML) 16 Page - Vitesse Semiconductor Corporation

Back Button VSC8021 Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC8021 Datasheet HTML 17Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8021/VSC8022
2.5Gb/s SONET-Compatible
8-Bit MUX/DEMUX Chipset
Page 16
G52028-0, Rev 4.1
05/25/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Package Information
NOTE: (1) At package body.
Item
mm (Min/Max)
in (Min/Max)
Item
mm (Min/Max)
in (Min/Max)
A
18.54/19. 56
0.730/0.770
I
0.41/0.61
0.016/0.024
B
1.02/1.52
0.040/0.060
J
2.03/2.79
0.080/0.110
C(1)
15.49/16.51
0.610/0.650
K(1)
0.09/0.24
0.003/0.009
D(1)
15.24 TYP
0.600 TYP
L
4.57/5.34
0.180/0.210
E
1.27 TYP
0.050 TYP
M
27.69/30.22
1.090/1.190
F
0.76/1.02
0.030/0.040
N
0.36/0.56
0.014/0.022
G
16.94 TYP
0.667 TYP
O
1.75/1.90
0.069/0.075
H
1.91/2.41
0.075/0.095
——
—
52-Pin Leaded
Ceramic Package (LDCC)
HEAT SINK SIDE
PACKAGE IS
CAVITY DOWN
52
1
E
45°
N
O
K
C
A
I
J
M
L
B
NOTES:
Drawing not to scale.
Packages: Ceramic (alumina);
Heat sink: Copper-tungsten;
Leads: Alloy 42 with gold plating.
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com