Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS25A219GUI Datasheet(PDF) 9 Page - Analog Technologies, Inc.

Part # ATLS25A219GUI
Description  32V 25A Constant Current Laser Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS25A219GUI Datasheet(HTML) 9 Page - Analog Technologies, Inc.

Back Button ATLS25A219GUI Datasheet HTML 5Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 6Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 7Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 8Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 9Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 10Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 11Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 12Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 13Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/24/2022
Email: staff@analogti.com/sales@analogti.com
9
Analog Technologies
ATLS25A219GUI
32V 25A Constant Current Laser Driver
LASER
DIODES
ATLS25A219GUI
VPS
PGND
LDC 3
2
1
LDA = 0.1*VVPS ~ 0.8*VVPS
12V ~ 40V
POWER SUPPLY
4
LDA
Type-C
Mini
USB
Analog Circuit Setting
SBDN
Figure 11. Micro-Controller Based Application Schematic
Figure 10 shows a typical stand-alone application circuit.
Figure 11 shows a micro-controller based application
schematic.
Table 4 shows the relationship between Digital D1, D2, and
laser driver state. Refer to Figure 11.
Table 4.
Digital
Output
D1
Digital
Output
D2
Laser
Driver
State
0
0
Shutdown
0
1
Standby
1
0
Note
1
1
Operation
Note: For the input state D1=1 and D2=0, the controller's
state is depending on the output voltage at SBDN pin:
Where, VD is the logic1 output voltage for D1 & D2 signals.
Digital signal V1 and V2 control the laser driver into Shutdown,
Standby or Operation mode. The starting up time delay is about
20mS and the shut down time is about 20µS.
It is worth mentioning that to achieve high speed and low
distortion digital modulation, one can use the LISL pin to set a
current that is a little lower than the threshold current of the laser
diode to turn off the laser beam, such as half of its value, use the
LISH pin to set the laser current when the laser diode is turned
on. In this way, the laser beam is turned on and off, while the
driver control loop is always kept on, so that the output stage is
always under control, not distortion is caused by turning on/off
the output stage.
When no modulation is needed, one can leave PCN unconnected;
LISL pin connects to GND, and use LISH to set the output
current.
In Figure 10, the LED is used to indicate laser diode status.
When LDGD pin is high, > 2V, the laser diode control loop is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com