Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS25A219GUI Datasheet(PDF) 1 Page - Analog Technologies, Inc.

Part # ATLS25A219GUI
Description  32V 25A Constant Current Laser Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS25A219GUI Datasheet(HTML) 1 Page - Analog Technologies, Inc.

  ATLS25A219GUI Datasheet HTML 1Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 2Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 3Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 4Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 5Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 6Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 7Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 8Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 9Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/24/2022
Email: staff@analogti.com/sales@analogti.com
1
Analog Technologies
ATLS25A219GUI
32V 25A Constant Current Laser Driver
Figure 1. Top View of ATLS25A219GUI
Figure 2. The 3D view of ATLS25A219GUI
Figure 3. Side View
Figure 4. Side View
FEATURES
Wide Input Voltage Range: 8.5V
∼40V
Wide Output Voltage Range: 0.1×VVPS to 0.8×VVPS
(input voltage)
High Current Capability: 25A
High Efficiency:
≥95%
(IOUT=25A@VLDA=30V&VVPS=40V)
Wide Modulation Bandwidth: DC
∼10kHz
Compact Size: 63.0(L) × 61.0(W) × 16.7(H) (mm)
Dual Independent Current Set Ports: LISH or LISL
Direct Digital Modulation Control: PCN
Three Control States: Shutdown, Standby and Operation
Low Output Current Noise: <20µAP-P@0.1Hz~10Hz
High Current Stability: <±20mA@25A&(‒20°C~80°C)
Low Output Ripple Voltage: <10mVP-P@500kHz
Fully Shielded
100 % Lead (Pb)-free and RoHS Compliant
APPLICATIONS
Drive one or multiple laser diodes for DPSSL, EDFA, and
fiber lasers with low noise high stability, and high efficiency.
DESCRIPTION
This laser driver, ATLS25A219GUI, is an electronic module
that has all the valuable and important, but often difficult to
achieve simultaneously, features: wide input and output voltage
range, high output current capability, high efficiency, low output
noise (but it has an output 10mVp-p ripple voltage at 500kHz),
wide modulation bandwidth, and small size. The wide output
voltage range, 0.1×VVPS ~ 0.8×VVPS, allows driving one or
multiple serial laser diodes at the same time, for up to 25A well
controlled current at high efficiency. The extremely low noise
between DC ~ 10Hz and low DC current drift make it ideal for
driving high current laser diode arrays. Because of the high
efficiency, the build-in small heat sink is sufficient to dissipate
the heat generated by the driver, no additional heat sink is
needed. The fully shielded case blocks all the incoming and
outgoing EMIs (Electro-Magnet Interferences). Therefore, this
laser will not interfere other surrounding electronics, nor will be
interfered by them. The small foot print of this laser driver saves
valuable space for the laser system. Figure 1 shows physical
photo of the ATLS25A219GUI.
This laser driver has two current set ports which can digitally be
controlled to switch between them for setting the output current.
This feature allows modulating the laser digitally with 2 preset
current values.
The actual laser current and laser driver temperature is
monitored by dedicated port. In case the laser driver temperature
LED
Mini USB
Type-C
Switch
Power Terminal Block


Similar Part No. - ATLS25A219GUI

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATLS25A219CH ANALOGTECHNOLOGIES-ATLS25A219CH Datasheet
694Kb / 14P
32V 25A Constant Current Laser Driver
1/24/2022
ATLS25A219D ANALOGTECHNOLOGIES-ATLS25A219D Datasheet
816Kb / 16P
32V 25A Constant Current Laser Driver
1/24/2022
More results

Similar Description - ATLS25A219GUI

ManufacturerPart #DatasheetDescription
logo
Analog Technologies, In...
ATLS1A201D ANALOGTECHNOLOGIES-ATLS1A201D Datasheet
252Kb / 9P
Constant Current Laser Driver
1/18/2022
ATLS1A202D ANALOGTECHNOLOGIES-ATLS1A202D Datasheet
267Kb / 8P
Constant Current Laser Driver
1/20/2022
ATLS2A201D ANALOGTECHNOLOGIES-ATLS2A201D Datasheet
236Kb / 9P
Constant Current Laser Driver
1/18/2022
ATLS2A202D ANALOGTECHNOLOGIES-ATLS2A202D Datasheet
273Kb / 7P
Constant Current Laser Driver
1/20/2022
ATLS3A201D ANALOGTECHNOLOGIES-ATLS3A201D Datasheet
273Kb / 9P
Constant Current Laser Driver
1/18/2022
ATLS3A202D ANALOGTECHNOLOGIES-ATLS3A202D Datasheet
266Kb / 7P
Constant Current Laser Driver
1/20/2022
ATLS4A201D ANALOGTECHNOLOGIES-ATLS4A201D Datasheet
349Kb / 9P
Constant Current Laser Driver
1/18/2022
ATLS25A219CH ANALOGTECHNOLOGIES-ATLS25A219CH Datasheet
694Kb / 14P
32V 25A Constant Current Laser Driver
1/24/2022
ATLS25A219D ANALOGTECHNOLOGIES-ATLS25A219D Datasheet
816Kb / 16P
32V 25A Constant Current Laser Driver
1/24/2022
ATLS6A201D ANALOGTECHNOLOGIES-ATLS6A201D Datasheet
294Kb / 10P
Constant Current Laser Driver
1/18/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com