Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS25A219GUI Datasheet(PDF) 3 Page - Analog Technologies, Inc.

Part # ATLS25A219GUI
Description  32V 25A Constant Current Laser Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS25A219GUI Datasheet(HTML) 3 Page - Analog Technologies, Inc.

  ATLS25A219GUI Datasheet HTML 1Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 2Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 3Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 4Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 5Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 6Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 7Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 8Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 9Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/24/2022
Email: staff@analogti.com/sales@analogti.com
3
Analog Technologies
ATLS25A219GUI
32V 25A Constant Current Laser Driver
Table 1. Pin Function Descriptions
Terminal
Block
Pin #
Name
Type
Description
Terminal
1
VPS
Power Input
Power Supply Voltage. The driver works from VVPS=12V~40V. The
maximum current can go up to 25A.
2
PGND
Power Input
Power Ground Pin. Connect this pin directly to power supply return path
line, 0V. The maximum current on this pin can go up to 25A.
3
LDC
Analog Output
LDC Pin. Connect it to laser diode cathode terminal. The maximum
current on this pin can go up to 25A.
4
LDA
Analog Output
Laser Diode Anode. Connect it to the laser diode anode terminal. The
maximum current of this pin can go up to 25A. When doing layout, do not
use a thin and long PCB track, otherwise, the inductance might be too high
and oscillation may occur.
Mini USB
5
4VR
Analog Output
It connects the controller to the computer.
6
GND
Analog Output
7
TXD
Analog Output
8
RXD
Analog Output
Type C
9
4VR
Analog Output
Voltage Reference 4.096V output. It can source and sink up to 10mA
output current, with a very low5
μVP-P noise between 0.1 to 10Hz and <
6ppm/
°C stability. Under Standby Mode, this pin is still working.
10
GND
Signal Ground
Signal Ground Pin. Connect ADC and DAC grounds to here. When using
POTs (potentiometer) to set the output currents, connect the ground
terminal of the POTs to here. See Figure 9.
11
LISH
Analog Input
Laser Current High Value Setting Voltage. For this pin, everything is the
same as above except that this pin sets the output current when PCN, pin
7 is high.
12
LISL
Analog Input
Laser Current Low Value Setting Voltage. There is a10M
Ω input resistor
tied to GND. Setting it from 0V to 4.096V will set the laser lower current
from 0 to 25A linearly. The current set by this pin can be higher than the
current set by the LISH port on pin 2, the reason calling it "low" is because
when PCN, pin 13, is low, the laser driver will output the current set by
this pin. The input bias current of this pin is < 0.1
μA, in addition to the
10M
Ω resistor tied to GND. The maximum input voltage on this pin is
4.096V. It is recommended to use the 4VR port, pin 9, as the voltage
source for setting the output current.
13
PCN
Digital Input
Pulse Control Input. This pin toggles the laser output current to change
between two pre-set values: a low value set by the LISL pin @ VPCN = 0V
∼ 0.4Vand a high value set by the LISH pin @ VPCN = 1.4V ∼5V. This
PCN pin is pulled high to an internal 5V rail by an internal 1M
Ω resistor
and there is a serial 20k
Ω resistor between PCN and the electronic switch,
see Figure 6. Between 0V
∼5V, the pull up resistor causes most of the
current on this pin, the electronic switch input current is < ±1µA. The
maximum voltage on this pin is 40V, at which the pull down current will
be caused by the serial 20k
Ω clamped by an over voltage protector of 5V,
the current will be (40V
−5V)/20kΩ = 1.75mA.
The rise and fall time of the output is 28µS when PCN pin is switched.
14
SBDN
Analog/
Digital Input
ON, Standby and Shutdown Control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com