Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS25A219GUI Datasheet(PDF) 2 Page - Analog Technologies, Inc.

Part # ATLS25A219GUI
Description  32V 25A Constant Current Laser Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS25A219GUI Datasheet(HTML) 2 Page - Analog Technologies, Inc.

  ATLS25A219GUI Datasheet HTML 1Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 2Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 3Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 4Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 5Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 6Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 7Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 8Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 9Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/24/2022
Email: staff@analogti.com/sales@analogti.com
2
Analog Technologies
ATLS25A219GUI
32V 25A Constant Current Laser Driver
exceeds the limit, 120
°C, the laser driver will shut down the
output stage by itself and force the laser drive into Standby
Mode. There is a loop good indication output to tell if the
laser driver works well.
The laser driver has 3 states: Operation, Standby and
Shutdown. Under Standby mode, all the laser driver
components will be working except the output stage, see
Figure 7. Under Shutdown mode, all the components of the
laser driver stop working and the power supply current is
reduced to < 2mA.
This laser driver generates a high accuracy high stability low
noise. When outputting 25A to the laser, the noise current is
20µAP-P, noise voltage at the output node, LDA, is <2µVRMS,
output current stability is <100ppm/
°C. It comes with a low
noise high stability voltage reference which can be used for
setting the output current and also be used as the reference
voltage for the ADCs (Analog to Digital Converters) and/or
DACs (Digital to Analog Converters).
For noise sensitive applications, please be aware that this laser
driver has very low noise between DC to 10Hz, but there is a
500kHz sine-wave ripple voltage, around 10mVpp, present at
the output, the LDA port.
Communication function
Utilizing serial port communication, Single Chip Micyoco sends data to computer through USB serial communication interface.
With the data received from the SCM, computer decodes the data to get the real-time status of SCM control system. Then the
computer will show the user window procedure which is made by the windows.
The following is the computer control interface with parameters:
Figure 5. Computer Control Interface
As shown in Figure 14, the power terminals above the
controller are VPS, LDPGND, LDC and LDA. As shown in
Figure 16, below the controller, from left to right, there are
LEDs for loop good indication, Mini USB, Type-C, and
controller switch. The controller can be connected to the
computer by Mini USB, and the parameters can be set on
the computer. It can also be connected to the evaluation
board using Type-C, and the parameters can be set by the
analog circuit. Whether the parameters are set by the
computer or the analog circuit, the data will be displayed on
the computer. After setting the parameters, click "OK" and
the controller starts to work.
Vps: Power Supply Voltage.
LDA: The voltage of laser
LIO: Laser Current Output Indication. 0V to 4.096V
indicates the laser current being from 0 to 25A
linearly.
Io: Output current of the laser
LISH: Laser Current High Value Setting Voltage.
LISL: Laser Current Low Value Setting Voltage.
PCN: Pulse Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com