Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS25A219GUI Datasheet(PDF) 12 Page - Analog Technologies, Inc.

Part # ATLS25A219GUI
Description  32V 25A Constant Current Laser Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS25A219GUI Datasheet(HTML) 12 Page - Analog Technologies, Inc.

Back Button ATLS25A219GUI Datasheet HTML 6Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 7Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 8Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 9Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 10Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 11Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 12Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 13Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 14Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/24/2022
Email: staff@analogti.com/sales@analogti.com
12
Analog Technologies
ATLS25A219GUI
32V 25A Constant Current Laser Driver
Figure 15. VVPS vs. VLDA
First Time Power Up
Laser diode is a high value and vulnerable device. Faults in
connections and damages done to the driver during soldering
process may damage the laser diode permanently. To protect
the laser diode, it is highly recommend to use 3 to 18 regular
diodes which is >15A to form a “dummy laser” and insert it
in the place of the real laser diode, when powering up the
driver for the first time. Use an oscilloscope to monitor the
LDA voltage at times of powering up and enabling the
shutdown pin, and powering down the laser driver and
turning off the shutdown pin, and make sure that there is not
over-shoot output voltage at the LDA pin. At the same time,
it uses an ammeter in serious with the dummy laser, to make
sure that the output current is correct. After thoroughly
checking and making sure of free of faults in the system,
disconnect the dummy laser diode and connect the real laser
diode in place. The driver output voltage range for the laser
is between 0.1VVPSto 0.8VVPS (power supply input voltage).
Warning: Both the surface mount and the through hole
types of packages can only be soldered manually on the
board by a solder iron of < 310
°C (590°F), do not use a
reflow oven to solder this laser driver.
Figure 16. Driving High Voltage Laser Diodes
5
6
6.9
7.9
8.7
9.6
10
10.8
11.7
12.5
13.3
14.3
15.2
16
16.9
17.8
18.7
19.5
20.4
21.2
0.95
1
1.05 1.15
1.24 1.32
1.35
1.45
1.52
1.62
1.68
1.76
1.83
1.9
1.98
2.05
2.13
2.21
2.3
2.36
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
01 2345 678 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25
VVPS (V)
VLDAMAX
VLDAMIN
VLDAMAX
VLDAMIN
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com