Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS25A219GUI Datasheet(PDF) 4 Page - Analog Technologies, Inc.

Part # ATLS25A219GUI
Description  32V 25A Constant Current Laser Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS25A219GUI Datasheet(HTML) 4 Page - Analog Technologies, Inc.

  ATLS25A219GUI Datasheet HTML 1Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 2Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 3Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 4Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 5Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 6Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 7Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 8Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 9Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/24/2022
Email: staff@analogti.com/sales@analogti.com
4
Analog Technologies
ATLS25A219GUI
32V 25A Constant Current Laser Driver
Note: Other pins will be displayed on the computer.
Table 2. Temperature vs. VTMO (V) by Different Equations
Temperature
(°C)
VTMO (V)
by using a regional
equation (2)
VTMO (V)
by using an
approximating
equation(4)
−40
2.5420
2.5811
0
2.1231
2.1371
25
1.8557
1.8596
40
1.6931
1.6931
80
1.2520
1.2491
100
1.0272
1.0271
125
0.7424
0.7496
SPECIFICATIONS
Table 3. Characteristics (TAMBIENT= 25
°C)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Power Supply Input: VPS pin, pin 1
Input Range
VVPS
12
40
V
Output current
A
0
25
A
Laser Current Setting Voltage: LISH pin and LISL pin, pin 11&12
Laser current control signal
0
4.096
V
Control accuracy
±0.1
%
Voltage Reference: 4VR pin, pin 9
Reference output voltage
3.996
4
4.004
V
Laser Diode Anode: LDA pin, pin 4
Output voltage range
Frequency is 500kHz
0.1*VVPS
0.8*VVPS
Standby and Shutdown Control: SBDN pin, pin 14
Start-up time upon releasing the SBDN
pin above 2.7V
20
ms
Shutdown time upon pulling the SBDN
pin down
20
µs
Power efficiency
IOUT = 25A, VLDA = 30V
& VVPS = 40V
90
%
Low frequency output current noise
Peak-to-peak value,
0.1Hz to 10Hz
<20
µAP-P
Stability
25A&
−20°C~80°C
<
±0.2
%
25A&
−20°C~80°C
<
±20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com