Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS25A219GUI Datasheet(PDF) 13 Page - Analog Technologies, Inc.

Part # ATLS25A219GUI
Description  32V 25A Constant Current Laser Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS25A219GUI Datasheet(HTML) 13 Page - Analog Technologies, Inc.

Back Button ATLS25A219GUI Datasheet HTML 6Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 7Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 8Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 9Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 10Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 11Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 12Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 13Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 14Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/24/2022
Email: staff@analogti.com/sales@analogti.com
13
Analog Technologies
ATLS25A219GUI
32V 25A Constant Current Laser Driver
Warning: To turn on the laser, firstly turn on Power Supply 2 and Power Supply 1 while keeping SBDN=0, after >=100mS,
then turn on the laser driver ATLS25A219GUI by using the SBDN pin. To turn off the laser, firstly turn off the laser
driver ATLS25A219GUI by driving the SBDN pin to Standby or Off State, then turn off the Power Supply 2 and 1.
OUTLINE DIMENSIONS
The controller is chassis mounted, with good heat dissipation performance, and can work under high power without adding heat
sink. Dimensions of this controller is shown in Figure 17.
Figure 17. Dimensions of ATLS25A219GUI
ORDERING INFORMATION
Table 5. Part Number
Part Number
Description
ATLS25A219GUI
25A constant current laser driver with a GUI interface
Table 6. Unit Price
Quantity (pcs)
1
− 9
10
− 49
50
− 199
200
−499
500-999
≥1000
Unit Price
$303.5
$293.0
$282.5
$261.5
$240.5
$209.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com