Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS25A219GUI Datasheet(PDF) 10 Page - Analog Technologies, Inc.

Part # ATLS25A219GUI
Description  32V 25A Constant Current Laser Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS25A219GUI Datasheet(HTML) 10 Page - Analog Technologies, Inc.

Back Button ATLS25A219GUI Datasheet HTML 6Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 7Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 8Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 9Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 10Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 11Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 12Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 13Page - Analog Technologies, Inc. ATLS25A219GUI Datasheet HTML 14Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/24/2022
Email: staff@analogti.com/sales@analogti.com
10
Analog Technologies
ATLS25A219GUI
32V 25A Constant Current Laser Driver
working properly. When LPGD pin is low, <0.3V, the laser
diode control loop is not working properly, there might be a
short or open circuit at the laser diode, or the laser driver is
put into Standby or Shutdown mode. The LPGD pin can also
be connected to a digital input pin of a micro-driver, when
software/firmware is utilized in the system. See Figure 11.
The equivalent circuit of this pin is a 3k
Ω resistor pulling it
up to 4.5V rail and an open drain FET, 500
Ω, pulling it down
to the ground. The pull-up current can be increased by
connecting an external pull-up resistor between LPGD and VPS.
Tie this added additional pull up resistor to a 3.3V or 5V power
supply if they are available. Make sure that the pull up current is
not too high, otherwise, the internal open drain FET cannot pull-
down the LPGD pin low enough to turn off the LED.
The laser diodes are connected between LDA and LDC pins. It
is worth mentioning that the power supply return terminal
should be connected to the pin 3 LDC.
Figure 12. Digitally Controlled Analog Modulation Principle
Turning on/off the Controller
The driver can be turned on and off by setting the SDBN pin
high and low respectively. It is recommended to turn the
driver on by this sequence:
To turn on: turn on the power by providing the power supply
voltage to the driver on VPS pin, turn on the driver by
releasing the SDBN pin.
To turn off: turn off the driver by lowering the voltage of
SBDN pin, turn off the power by stopping the voltage supply
on the VPS pin.
When not controlling by the SBDN pin: leave it
unconnected and turn on and off the driver by the power
supply.
Adjusting the Output Current
The output current is set by adjusting W1, which sets input
voltages of LISL and LISH. See Figure 10. The output
current will be:
IOUT = 3.662
×VLISL or 3.662× VLISH (A).
LIS can also be set by using a DAC to replace the W1 in
Figure 10. Make sure that the DAC has low output noise.
Monitoring the Output Current
The output current of the driver can be monitored by
measuring the voltage on the LIO pin. This feature is very
useful for micro-driver based system where the ADC is
available and monitoring the current in real time is required.
This pin provides a very low noise voltage signal and is
proportional to the output current:
IOUT =3.662
×VLIO (A).
For example, when the output signal is 4.096V, the output
current is 25A.
LIO can be used to drive an ADC directly, and also be
measured by a multi-meter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com