Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8685SRVPBF Datasheet(PDF) 6 Page - Analog Devices

Part # LT8685SRVPBF
Description  42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8685SRVPBF Datasheet(HTML) 6 Page - Analog Devices

Back Button LT8685SRVPBF Datasheet HTML 2Page - Analog Devices LT8685SRVPBF Datasheet HTML 3Page - Analog Devices LT8685SRVPBF Datasheet HTML 4Page - Analog Devices LT8685SRVPBF Datasheet HTML 5Page - Analog Devices LT8685SRVPBF Datasheet HTML 6Page - Analog Devices LT8685SRVPBF Datasheet HTML 7Page - Analog Devices LT8685SRVPBF Datasheet HTML 8Page - Analog Devices LT8685SRVPBF Datasheet HTML 9Page - Analog Devices LT8685SRVPBF Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT8685S
6
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
HV Channel RDS(ON) vs
Temperature
LV Channel RDS(ON) vs
Temperature
Top FET Current Limit vs
Duty Cycle
Top FET Current Limit vs
Temperature
Enable Pin Falling Threshold vs
Temperature
Enable Pin Current vs Voltage and
Temperature
HV Channel Minimum On-Time vs
Temperature
HV Channel Minimum Off-Time vs
Temperature
HV Channel Minimum On-Time vs
Temperature, CH1 and CH2 Shared
TA = 25°C. VIN1 = VIN2 = 12V, VIN3 = VIN4 = 3.3V,
fSW = 2MHz unless otherwise noted.
TOP FET
BOTTOM FET
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
50
100
150
200
250
300
350
400
8685S G10
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
10
20
30
40
50
60
70
80
90
100
8685S G11
TOP FET
BOTTOM FET
HV CHANNEL
LV CHANNEL
DUTY CYCLE (%)
10
30
50
70
90
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
8685S G12
HV CHANNEL
LV CHANNEL
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
8685S G13
EN/UVLO (CH1)
EN2, EN3, EN4
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
780
784
788
792
796
800
804
808
812
816
820
8685S G14
150°C
125°C
25°C
VOLTAGE (V)
0
5
10
15
20
25
30
35
40
–5
0
5
10
15
20
25
30
8685S G15
ILOAD = 1.5A
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
10
12
14
16
18
20
22
24
26
28
30
8685S G16
ILOAD = 1A
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
50
52
54
56
58
60
62
64
66
68
70
8685S G17
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
24
26
28
30
32
34
36
38
40
42
44
8685S G18
ILOAD = 1.5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com