Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8685SRVPBF Datasheet(PDF) 19 Page - Analog Devices

Part # LT8685SRVPBF
Description  42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8685SRVPBF Datasheet(HTML) 19 Page - Analog Devices

Back Button LT8685SRVPBF Datasheet HTML 15Page - Analog Devices LT8685SRVPBF Datasheet HTML 16Page - Analog Devices LT8685SRVPBF Datasheet HTML 17Page - Analog Devices LT8685SRVPBF Datasheet HTML 18Page - Analog Devices LT8685SRVPBF Datasheet HTML 19Page - Analog Devices LT8685SRVPBF Datasheet HTML 20Page - Analog Devices LT8685SRVPBF Datasheet HTML 21Page - Analog Devices LT8685SRVPBF Datasheet HTML 22Page - Analog Devices LT8685SRVPBF Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LT8685S
19
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
soft-start time, connect a capacitor between the channel’s
TRK/SS pin and ground according to:
tSS =
CSS • VREF
2µA
where 2µA is the TRK/SS pull-up current, CSS is the value
of the capacitor in Farads, and VREF is 0.8V for CH1 and
CH2, 0.7V for CH3 and CH4.
The channel TRK/SSx pins are pulled down through
approximately 300kΩ, which will discharge the external
soft-start capacitor when the part is shut down or during
certain fault conditions.
For output voltage tracking, the channel TRK/SS pin can
be driven by an external voltage source. More specifically,
when driven with a voltage between 0V and the internal
reference level, the TRK/SS pin will override the internal
reference input to the error amplifier thus regulating the
FB voltage to that present on the TRK/SS pin. When TRK/
SS is above the reference level, tracking is disabled, and
the feedback voltage will regulate to the internal reference
voltage.
When combining channels, slave channel TRK/SS pins
should be open.
Power Good Comparators
Each LT8685S channel has a power good comparator with
an open drain output pin, PGx. Each PG pin is pulled low
when the corresponding feedback voltage is either above
or below its reference voltage by more than 7.5%. See the
Electrical Characteristics table for more information on
each channel’s power good thresholds. All PG pins will be
pulled low when the part is shut down. Individual channel
PG pins will be pulled low when their corresponding EN
pin is low.
When combining channels, only the master channel PG
pins are valid. Slave PG pins should be open.
PCB LAYOUT
The LT8685S is specifically designed to minimize EMI/
EMC emissions and to maximize efficiency when switch-
ing at high frequencies.
For proper operation and minimum EMI, care must be
taken during printed circuit board layout. A recommended
board layout is available with the latest LT8685S demo
board. Some general guidelines are available in the
remainder of this section.
Place a local, unbroken ground plane under the application
circuit on the layer closest to the surface layer and con-
nect the exposed GND pad to this layer. The exposed pad
ground connection should be made with the maximum
number of vias possible to reduce thermal and electrical
impedance to the board ground. For best performance,
maximize unbroken board ground planes in the vicinity
of the LT8685S.
The SW and BST nodes should be made as small as
possible to minimize noise coupling to sensitive traces.
Minimize traces connecting to the RT and all FB pins and
provide ground shielding as needed to minimize noise
coupling to these sensitive nodes.
For each buck regulator, place input bypass capacitors
close to the VINx pins with a low impedance connection
to the exposed pad through the ground plane mentioned
above.
The recommended layer use for a 4-layer board is:
Layer 1 (Components): use 2oz (70µm) copper. Unbroken
high frequency/high current routing, including SW and
BST node routing, plus inductor, input, and output capac-
itor placement. Ground fill on the remainder.
Layer 2 (Internal): Unbroken ground plane.
Layer 3 (Internal): Signal routing with ground plane on
remainder.
Layer 4 (Bottom): Use 2oz (70µm) copper. Use for remain-
ing signal routing with ground fill on the remainder.
THERMAL CONSIDERATIONS
The exposed pad is the path for conducting heat from
the silicon die to the PC board and the surrounding air.
For good heat conduction, thermal vias should be placed
under the device to conduct heat down to internal ground
planes and the back side of the board. Multiple small vias
work better than a few large ones as the copper plating of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com