Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8685SRVPBF Datasheet(PDF) 17 Page - Analog Devices

Part # LT8685SRVPBF
Description  42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8685SRVPBF Datasheet(HTML) 17 Page - Analog Devices

Back Button LT8685SRVPBF Datasheet HTML 13Page - Analog Devices LT8685SRVPBF Datasheet HTML 14Page - Analog Devices LT8685SRVPBF Datasheet HTML 15Page - Analog Devices LT8685SRVPBF Datasheet HTML 16Page - Analog Devices LT8685SRVPBF Datasheet HTML 17Page - Analog Devices LT8685SRVPBF Datasheet HTML 18Page - Analog Devices LT8685SRVPBF Datasheet HTML 19Page - Analog Devices LT8685SRVPBF Datasheet HTML 20Page - Analog Devices LT8685SRVPBF Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LT8685S
17
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
The maximum duty cycle achievable at a given operating
frequency is calculated as:
DMAX = 1 – (tOFF(MIN) • fSW)
Combining these equations, the minimum VIN voltage
while regulating at full frequency is
VVINx(MIN)=
VOUTx
1– tOFF(MIN) • fSW
(
)
Below VVINx(MIN) the buck regulator will enter dropout,
and the top switch will stay on longer than a clock cycle.
While operating in dropout, the buck regulator’s output
voltage will be below the programmed value.
The maximum VIN voltage while regulating at full fre-
quency is
VVINx(MAX)=
VOUTx
tON(MIN) • fSW
If the VVINx(MAX) given above is exceeded during regu-
lation, the buck regulator will skip switch-on cycles to
maintain regulation.
Inductor Selection
For a given input and output voltage, the inductor value
and operating frequency determine the inductor ripple
current. More specifically, the inductor ripple current
decreases with higher inductor value or higher operating
frequency according to the following equation:
ΔIL =
VOUT
fSW •L
⎛
⎝
⎜
⎞
⎠
⎟ 1–
VOUT
VIN
⎛
⎝⎜
⎞
⎠⎟
where ΔIL = inductor ripple current (A), fSW = switching
frequency (Hz), L = inductor value (H), and VIN is the
nominal input voltage rating. A trade-off between compo-
nent size, efficiency and operating frequency can be seen
from this equation. Accepting larger values of ΔIL allows
the use of lower value inductors but results in greater
core loss in the inductor, greater ESR loss in the output
capacitor, and larger output ripple.
The inductor value should be chosen to give a peak-to-
peak ripple current ΔIL of between 35% and 45% of the
rated channel output current at the nominal input voltage.
Note, the rated channel output current is 2.5A for chan-
nels 1 and 2, and 4A for channels 3 and 4. Channels 1
and 2 have a rating of 5A when combined, and channels
3 and 4 have a rating of 8A when combined. Rearranging
the equation above, select the inductor value according to:
L
=
VOUT
fSW • ΔIL
⎛
⎝
⎜
⎞
⎠
⎟ 1–
VOUT
VIN
⎛
⎝⎜
⎞
⎠⎟
To avoid overheating and poor efficiency, an inductor
must be chosen with an RMS current rating that is greater
than the maximum expected output load of the applica-
tion. In addition, for best efficiency the inductor series
resistance should be as small as possible, and the core
material should be intended for the application switching
frequency.
The saturation current rating of the inductor must be
higher than the load plus half the ripple current. This
peak inductor current can be computed per the following
equation:
IL(PEAK) = IOUT(MAX) +
ΔIL
2
where IOUT(MAX) is the maximum output current for a
given application.
The optimum inductor for a given application may differ
from the one indicated by this design guide. Careful eval-
uation of the application circuit should be completed with
the chosen inductor to ensure adequate design margin.
Input Capacitor Selection
Buck, or step-down, converters draw current from the
input supply in pulses with very fast rise and fall times. An
input capacitor is required to reduce the resultant voltage
ripple at the input and minimize EMI. For this function, a
ceramic X7R or X5R bypass capacitor should be placed
between each buck regulator’s VIN pin and ground. To be
most effective, the input capacitor must have low imped-
ance at the switching frequency and an adequate ripple
current rating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com