Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8685SRVPBF Datasheet(PDF) 8 Page - Analog Devices

Part # LT8685SRVPBF
Description  42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8685SRVPBF Datasheet(HTML) 8 Page - Analog Devices

Back Button LT8685SRVPBF Datasheet HTML 4Page - Analog Devices LT8685SRVPBF Datasheet HTML 5Page - Analog Devices LT8685SRVPBF Datasheet HTML 6Page - Analog Devices LT8685SRVPBF Datasheet HTML 7Page - Analog Devices LT8685SRVPBF Datasheet HTML 8Page - Analog Devices LT8685SRVPBF Datasheet HTML 9Page - Analog Devices LT8685SRVPBF Datasheet HTML 10Page - Analog Devices LT8685SRVPBF Datasheet HTML 11Page - Analog Devices LT8685SRVPBF Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LT8685S
8
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Switching Waveform Continuous
Full Frequency Operation
Switching Waveform Burst Mode
Operation
Switching Waveform Pulse
Skipping Operation
HV Channel Load Step
LV Channel Load Step
TA = 25°C. VIN1 = VIN2 = 12V, VIN3 = VIN4 = 3.3V,
fSW = 2MHz unless otherwise noted.
12VIN TO 5VOUT AT 1A
SYNC_MODE = GND
2µs/DIV
VSW
5V/DIV
IL
1A/DIV
8685S G28
12VIN TO 5VOUT AT 20mA
SYNC_MODE = GND
1µs/DIV
VSW
5V/DIV
IL
200mA/DIV
8685S G29
12VIN TO 5VOUT AT 20mA
SYNC_MODE = FLOATING
1µs/DIV
VSW
5V/DIV
IL
200mA/DIV
8685S G30
1.25A TO 2.25A STEP
5VOUT
COUT = 47µF
Burst Mode, fSW = 2MHz
50µs/DIV
VOUT
200mV/DIV
ILOAD
1A/DIV
8685S G31
1A TO 3A STEP
1.8VOUT
COUT = 47µF ×2
Burst Mode, fSW = 2MHz
50µs/DIV
VOUT
200mV/DIV
ILOAD
1A/DIV
8685S G32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com