Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8685SRVPBF Datasheet(PDF) 14 Page - Analog Devices

Part # LT8685SRVPBF
Description  42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8685SRVPBF Datasheet(HTML) 14 Page - Analog Devices

Back Button LT8685SRVPBF Datasheet HTML 10Page - Analog Devices LT8685SRVPBF Datasheet HTML 11Page - Analog Devices LT8685SRVPBF Datasheet HTML 12Page - Analog Devices LT8685SRVPBF Datasheet HTML 13Page - Analog Devices LT8685SRVPBF Datasheet HTML 14Page - Analog Devices LT8685SRVPBF Datasheet HTML 15Page - Analog Devices LT8685SRVPBF Datasheet HTML 16Page - Analog Devices LT8685SRVPBF Datasheet HTML 17Page - Analog Devices LT8685SRVPBF Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LT8685S
14
Rev. 0
For more information www.analog.com
OPERATION
0° for CH1, 180° for CH2, 270° for CH3 and 90° for CH4.
Multiphase operation reduces input current ripple ampli-
tude while increasing the ripple frequency resulting in
lower required input capacitance. When combining chan-
nels, the master channel phase determines the combined
channel’s clock phase.
MODE SELECTION AND SYNCHRONIZATION
The LT8685S offers two primary operating modes, Burst
Mode and Pulse Skipping Mode, plus the option to select
frequency spread-spectrum for each. In pulse skipping
mode, all switching cycles remain aligned to the internal
clock. Further, full switching frequency is maintained to
lower load currents than Burst Mode. Conversely, Burst
Mode reduces input current at low load currents, thereby
achieving higher low load efficiency than Pulse Skipping
Mode. Selecting spread-spectrum results in frequency
modulation of the programmed clock frequency to reduce
EMI/EMC emissions. When selected, the clock frequency
will vary between the programmed frequency and the pro-
grammed frequency plus approximately 20%.
The SYNC/MODE pin is used to select the desired operat-
ing mode. To select low ripple, high efficiency Burst Mode,
connect the SYNC/Mode pin to ground. Alternatively, con-
nect a 26k (5% tolerance or better) resistor to enable low
ripple high efficiency Burst Mode operation with spread
spectrum. To select pulse skipping mode, float the SYNC/
MODE pin, or to enable pulse skipping with spread spec-
trum connect the SYNC/MODE pin to INTVCC.
Finally, the LT8685S may be synchronized to an external
clock source by driving the SYNC/MODE pin with a clock
signal that has a minimum high voltage of 1.5V and max-
imum low voltage of 0.4V. The minimum required pulse
width is 100ns for a high pulse and 100ns for a low pulse.
When syncing, the RT resistor should be chosen to set the
LT8685S switching frequency close to the synchroniza-
tion frequency. The LT8685S will operate in pulse-skip-
ping mode while synchronized to an external clock.
INTVCC REGULATOR
The INTVCC regulator supplies internal LT8685S circuitry.
The current draw will depend on the operating frequency,
the higher the switching frequency, the greater the current
drawn from INTVCC. The regulator is supplied by VIN1 at
start-up, but it will draw its supply current from BIAS if the
BIAS voltage is above 4.5V and VIN1 is greater than VBIAS
+ 1V. If the BIAS pin is connected to a switching regulator
channel it will improve efficiency, reduce on-chip power
dissipation and lower the required current. The INTVCC
regulator may be used to configure other input pins and
output pull-ups related to the LT8685S. It should not be
used to connect to any components not related to the
LT8685S to avoid unexpected interactions.
APPLICATIONS INFORMATION
The LT8685S combines four buck converters to provide a
flexible system supply that can be configured to generate
two to four regulated outputs while occupying minimal
board space.
PRECISION UNDERVOLTAGE LOCKOUT
The accurate 0.8V threshold (falling) of the EN/UVLO pin
enables a programmable LT8685S undervoltage lockout
feature realized by connecting an external resistor divider
between the VIN1 input supply pin and the EN/UVLO pin.
An EN/UVLO logic low input turns off all channels regard-
less of the state of EN2, EN3, and EN4 pins.
The LT8685S UVLO divider circuit is shown in Figure 1.
The UVLO threshold is given by:
V(LT8685S_UVLO) =
RUV1+RUV2
RUV2
• 0.8V
Figure 1. LT8685S UVLO Resistor Divider Connection
RUV2
RUV1
EN/UVLO
VIN1
LT8685S
8685S F01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com