Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8685SRVPBF Datasheet(PDF) 16 Page - Analog Devices

Part # LT8685SRVPBF
Description  42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8685SRVPBF Datasheet(HTML) 16 Page - Analog Devices

Back Button LT8685SRVPBF Datasheet HTML 12Page - Analog Devices LT8685SRVPBF Datasheet HTML 13Page - Analog Devices LT8685SRVPBF Datasheet HTML 14Page - Analog Devices LT8685SRVPBF Datasheet HTML 15Page - Analog Devices LT8685SRVPBF Datasheet HTML 16Page - Analog Devices LT8685SRVPBF Datasheet HTML 17Page - Analog Devices LT8685SRVPBF Datasheet HTML 18Page - Analog Devices LT8685SRVPBF Datasheet HTML 19Page - Analog Devices LT8685SRVPBF Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
LT8685S
16
Rev. 0
For more information www.analog.com
A simplified application schematic showing sharing
between channels 1 and 2 as well as channels 3 and 4 is
given in Figure 3.
APPLICATIONS INFORMATION
The value of R2 is best selected first as this establishes
how much current is in the resistor divider network cal-
culated as based on I = VREF/R2 where VREF is the internal
channel reference voltage. The current should be chosen
such that it is not influenced by anticipated leakage or
noise. R1 can then be calculated from:
R1
= R2 •
VOUTx
VREF
– 1
⎛
⎝⎜
⎞
⎠⎟
CFF can optionally be used to improve the transient
response and stability of the internally compensated feed-
back loops. The values shown in the Typical Applications
section will provide a good starting point for selecting CFF,
though careful evaluation of regulator stability should be
made to ensure adequate design margin.
For the LT8685S’s 42V input capable channels the maxi-
mum allowed programmed output voltage is 14V.
When the 8V input capable channels are combined (chan-
nels 3 and 4), the maximum allowed programmed output
voltage is 4V.
Operating Frequency and Input Voltage Range
Each buck regulator’s, minimum on-time, tON(MIN), and
minimum off-time, tOFF(MIN), impose limitations on the
achievable duty cycle range and operating frequency. For
buck regulators, the duty cycle is calculated as:
D
=
VOUTx
VINx
Further, the minimum duty cycle achievable at a given
operating frequency is calculated as:
DMIN = tON(MIN) • fSW
where fSW is the programmed operating frequency.
Figure 3. Simplified Schematic of Channel Sharing
Figure 4. Feedback Resistor Divider
REVERSE INPUT PROTECTION
In some applications, such as battery charging or bat-
tery backup applications, an LT8685S channel output may
be held high when its input is made to either float or is
grounded. If the input to the channel is floated, and the
LT8685S is enabled, then the LT8685S’s internal circuitry
will pull its quiescent current through the SW pin. If the
input is floated, and the LT8685S is disabled, then the
SW pin current will drop to less than 1µA. If the input is
grounded, an input protection diode is required to prevent
reverse current from the output, through the top power
FET body diode (shown in the Block Diagram), out of the
VINx pin to the grounded input.
BUCK REGULATOR COMPONENT SELECTION
Setting the Output Voltages
The output voltages of the buck channels are set with a
resistor divider from the output to the related FBx pin as
shown in Figure 4.
BST3
SW3
FB3
BST4
SW4
FB4
BIAS
BST1
SW1
FB1
BST2
SW2
FB2
EN/UVLO
EN2
VIN1
VIN2
VIN3
VIN4
3V TO 42V
TRK/SS4
TRK/SS3
TRK/SS2
TRK/SS1
RT
SYNC/MODE
VIN
OUT3,4
LT8685S
INTVCC
EN3
PG4
PG3
PG2
PG1
INTVCC
EN4
OUT1
3V TO 8V
INTVCC
OUT1,2
8685S F03
R2
R1
CFF
OPTIONAL
COUT
FBx
SWx
LT8685S
OUT
8685S F04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com