Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8685SRVPBF Datasheet(PDF) 24 Page - Analog Devices

Part # LT8685SRVPBF
Description  42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8685SRVPBF Datasheet(HTML) 24 Page - Analog Devices

Back Button LT8685SRVPBF Datasheet HTML 16Page - Analog Devices LT8685SRVPBF Datasheet HTML 17Page - Analog Devices LT8685SRVPBF Datasheet HTML 18Page - Analog Devices LT8685SRVPBF Datasheet HTML 19Page - Analog Devices LT8685SRVPBF Datasheet HTML 20Page - Analog Devices LT8685SRVPBF Datasheet HTML 21Page - Analog Devices LT8685SRVPBF Datasheet HTML 22Page - Analog Devices LT8685SRVPBF Datasheet HTML 23Page - Analog Devices LT8685SRVPBF Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LT8685S
24
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2022
06/22
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER DESCRIPTION
COMMENTS
LT8601
42V, 94% Efficiency, 2.2MHz Triple Output (1.5A + 2.5A + 1.8A)
Synchronous Micropower Step-Down DC/DC Converter with IQ = 30μA
VIN: 3V to 42V, VOUT(MIN) = 0.8V, IQ = 30µA, ISD < 25µA,
6mm × 6mm QFN-40 Package
LT8602
42V, Quad Output (2.5A + 1.5A + 1.5A + 1.5A) 95% Efficiency, 2.2MHz
Synchronous Micropower Step-Down DC/DC Converter with IQ = 25µA
VIN: 3V to 42V, VOUT(MIN) = 0.8V, IQ = 25µA, ISD < 25µA,
6mm × 6mm QFN-40 Package
LT8603
42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost
Controller
VIN: 3V to 42V, VOUT(MIN) = 0.8V, IQ = 25µA, ISD < 25µA,
6mm × 6mm QFN-40 Package
Startup Sequencing
Triple Output, 3MHz Step-Down Regulator with Sequenced Ratiometric Start-Up
1A LOAD PER OUTPUT
STARTUP SEQUENCE:
VIN HIGH ENABLES OUT1,2
VOUT1,2 IN REGULATION ENABLES OUT3 AND OUT4
VOUT3 AND VOUT4 SOFT-START RATIOMETRICALLY
2ms/DIV
VIN
10V/DIV
VOUT1,2
5V/DIV
VOUT3
2V/DIV
VOUT4
2V/DIV
8685S TA05b
2.2µF
2.2µF
4.7µF
1µF
499k
0.1µF
0.1µF
0.68µH**
953k
47µF
105k
2.2pF
0.1µF
0.47µH
976k
47µF
261k
2.2pF
0.1µF
0.33µH
787k
100µF
499k
3.3pF
499k
499k
10nF
10nF
13.7k
0.1µF
BST3
SW3
FB3
BST4
SW4
FB4
BIAS
BST1
SW1
FB1
BST2
SW2
FB2
EN/UVLO
EN2
VIN1
VIN2
EN3
EN4
VIN3
VIN4
9V TO 42V
PG4
PG3
PG2
PG1
TRK/SS4
TRK/SS3
TRK/SS2
TRK/SS1
RT
SYNC/MODE
OUT1
8V, 5A*
INTVCC
OUT4
1.8V, 4A
VIN
INTVCC
OUT3
3.3V, 4A
GND
LT8685S
CLK IN
3MHz
OUT1
*CURRENT AVAILABLE FROM OUT1:
5A – IVIN3 – I VIN4 – IBIAS
**INDUCTOR VALUE CHOSEN FOR VIN = 12V
8685S TA05a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com