Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8685SRVPBF Datasheet(PDF) 10 Page - Analog Devices

Part # LT8685SRVPBF
Description  42V Quad, Gangable, Synchronous, Monolithic Step-Down Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8685SRVPBF Datasheet(HTML) 10 Page - Analog Devices

Back Button LT8685SRVPBF Datasheet HTML 6Page - Analog Devices LT8685SRVPBF Datasheet HTML 7Page - Analog Devices LT8685SRVPBF Datasheet HTML 8Page - Analog Devices LT8685SRVPBF Datasheet HTML 9Page - Analog Devices LT8685SRVPBF Datasheet HTML 10Page - Analog Devices LT8685SRVPBF Datasheet HTML 11Page - Analog Devices LT8685SRVPBF Datasheet HTML 12Page - Analog Devices LT8685SRVPBF Datasheet HTML 13Page - Analog Devices LT8685SRVPBF Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LT8685S
10
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
VIN1 (Pin 1): Channel 1 and Internal INTVCC Regulator
Power Supply Input. This pin should be closely decou-
pled to ground with a low ESR capacitor of value 2.2µF
or greater.
VIN2 (Pin 2): Channel 2 Power Supply Input. This pin should
be closely decoupled to ground with a low ESR capacitor
of value 2.2µF or greater. This pin must be shorted to VIN1
when channel 2 is combined with channel 1.
SYNC/MODE (Pin 4): Mode Selection and External
Synchronization Input Pin. This pin places all active
LT8685S channels into high efficiency Burst Mode oper-
ation when tied to ground. Tie this pin to ground with
a 26k (5% tolerance or better) resistor to enable high
efficiency Burst Mode with spread spectrum modula-
tion. Float this pin to enable pulse-skipping mode. Tie
this pin to INTVCC to enable pulse-skipping mode with
spread-spectrum modulation. When this pin is driven by
an external clock source, the LT8685S will synchronize
its switching frequency to that of the external clock and
operate in pulse-skipping mode. Channels 1 to 4 clock
phases default to 0°, 180°, 270°, and 90° respectively
when operating independently. When combining chan-
nels, the master channel determines the operating phase.
See the Applications Information section for more detail.
RT (Pin 5): Switching Frequency Program Pin. Connect
an external resistor from this pin to ground to program
the LT8685S switching frequency from 350kHz to 3MHz.
When using external clock synchronization, an RT resistor
must be selected to match the nominal incoming clock
frequency. See the Applications Information section for
more detail.
VIN3 (Pins 7, 8): Channel 3 Power Supply Input. When
driven from another LT8685S channel, the required
decoupling capacitance for this pin is largely satisfied by
the output capacitance of the driving channel. In this sce-
nario, a low ESR capacitor of value 1µF or greater located
close to the VIN3 pin is generally sufficient. If driven from
an external source, this pin should be closely decoupled
with a low ESR capacitor of value 4.7µF or greater.
VIN4 (Pins 9, 10): Channel 4 Power Supply Input. When
driven from another LT8685S channel, the required
decoupling capacitance for this pin is largely satisfied by
the output capacitance of the driving channel. In this sce-
nario, a low ESR capacitor of value 1µF or greater located
close to the VIN4 pin is generally sufficient. If driven from
an external source, this pin should be closely decoupled
with a low ESR capacitor of value 4.7µF or greater. This
pin must be shorted to VIN3 when channel 4 is combined
with channel 3.
FB3 (Pin 11): Channel 3 Output Voltage Feedback Pin.
Channel 3 regulates this pin to a precision, internal, 0.7V
reference voltage. Connect this pin to the appropriate
resistor divider network to program the desired output
voltage.
FB4 (Pin 13): Channel 4 Output Voltage Feedback Pin.
Channel 4 regulates this pin to a precision, internal, 0.7V
reference voltage. Connect this pin to the appropriate
resistor divider network to program the desired output
voltage. When this pin is tied to INTVCC, channel 4 is com-
bined with channel 3 to create a single output channel with
increased output current capability. See the Applications
Information section for more detail.
INTVCC (Pin 24): Internal Regulator Output Pin. This regu-
lator provides the supply current for the power FET driver
circuits and internal control circuitry. This pin should be
decoupled to ground with a low ESR ceramic capacitor
of value 4.7µF. This capacitor should be placed close to
the INTVCC pin with a low impedance connection to the
exposed pad ground. This supply is not intended as a
power supply output. Do not connect external circuitry
to this pin.
BIAS (Pin 25): External Regulator Input Pin. The inter-
nal regulator, INTVCC, will draw current from this supply
instead of VIN1 when BIAS is tied to a voltage higher than
4.5V and VVIN1 is greater than VBIAS + 1V. Connecting
this pin to a high efficiency supply, such as an LT8685S
output channel regulating to 5V, improves overall effi-
ciency by reducing the on-chip power consumption that
would normally result when drawing current from VIN1.
When used, this pin should be decoupled to ground with



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com