Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FU008-A-R-SD Datasheet(PDF) 8 Page - ABLIC Inc.

Part # FU008-A-R-SD
Description  AUTOMOTIVE, 125°C OPERATION, 2-WIRE TIMER WITH BUILT-IN QUARTZ CRYSTAL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

FU008-A-R-SD Datasheet(HTML) 8 Page - ABLIC Inc.

Back Button FU008-A-R-SD Datasheet HTML 4Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 5Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 6Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 7Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 8Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 9Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 10Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 11Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 12Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
CONVENIENCE TIMER
AUTOMOTIVE, 125°C OPERATION, 2-WIRE TIMER WITH BUILT-IN QUARTZ CRYSTAL
S-35710M A Series
Rev.2.1_00
8
DC Electrical Characteristics
Table 6
(Ta =
−40°C to +125°C, VSS = 0 V unless otherwise specified)
Item
Symbol
Applied Pin
Condition
Min.
Typ.
Max.
Unit
Current
consumption 1
IDD1
−
VDD = 3.0 V,
Ta =
−40°C to +85°C,
Out of communication,
RST
_______
pin = VDD,
INT pin = no load
−
0.25
0.5
μA
VDD = 3.0 V,
Ta =
+125°C,
Out of communication,
RST
_______
pin = VDD,
INT pin = no load
−
0.75
1.2
μA
Current
consumption 2
IDD2
−
VDD = 3.0 V,
fSCL = 1 MHz,
During communication,
RST
_______
pin = VDD,
INT pin = no load
−
170
300
μA
High level input
leakage current
IIZH
SDA, SCL, RST
_______
VIN = VDD
−0.5
−
0.5
μA
Low level input
leakage current
IIZL
SDA, SCL
VIN = VSS
−0.5
−
0.5
μA
High level output
leakage current
IOZH
SDA
VOUT = VDD
−0.5
−
0.5
μA
Low level output
leakage current
IOZL
SDA
VOUT = VSS
−0.5
−
0.5
μA
High level input
voltage
VIH
SDA, SCL, RST
_______
−
0.7
× VDD
−
VSS
+ 5.5
V
Low level input
voltage
VIL
SDA, SCL, RST
_______
−
VSS
− 0.3
−
0.3
× VDD
V
High level output
voltage
VOH
INT
IOH =
−0.4 mA
0.8
× VDD
−
−
V
Low level output
voltage
VOL
SDA, INT
IOL = 2.0 mA
−
−
0.4
V
Low level input
current
IIL
RST
_______
VDD = 3.0 V,
VIN = VSS
−100
−30
−5
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com