Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FU008-A-R-SD Datasheet(PDF) 2 Page - ABLIC Inc.

Part # FU008-A-R-SD
Description  AUTOMOTIVE, 125°C OPERATION, 2-WIRE TIMER WITH BUILT-IN QUARTZ CRYSTAL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

FU008-A-R-SD Datasheet(HTML) 2 Page - ABLIC Inc.

  FU008-A-R-SD Datasheet HTML 1Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 2Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 3Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 4Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 5Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 6Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 7Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 8Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 9Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
CONVENIENCE TIMER
AUTOMOTIVE, 125°C OPERATION, 2-WIRE TIMER WITH BUILT-IN QUARTZ CRYSTAL
S-35710M A Series
Rev.2.1_00
2
Block Diagram
RST
SDA
SCL
VDD
VSS
INT
Oscillation
circuit
32.768 kHz
Quartz crystal
Divider,
Timing generator
Pull-up
Power-on
detection
circuit
Constant
voltage
circuit
Chattering
elimination
circuit
Internal reset signal
INT pin
controller
Wake-up time
register
Comparator
Timer (24-bit)
Time register
Serial interface
Figure 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com