Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FU008-A-R-SD Datasheet(PDF) 19 Page - ABLIC Inc.

Part # FU008-A-R-SD
Description  AUTOMOTIVE, 125°C OPERATION, 2-WIRE TIMER WITH BUILT-IN QUARTZ CRYSTAL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

FU008-A-R-SD Datasheet(HTML) 19 Page - ABLIC Inc.

Back Button FU008-A-R-SD Datasheet HTML 15Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 16Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 17Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 18Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 19Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 20Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 21Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 22Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 23Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
CONVENIENCE TIMER
AUTOMOTIVE, 125°C OPERATION, 2-WIRE TIMER WITH BUILT-IN QUARTZ CRYSTAL
Rev.2.1_00
S-35710M A Series
19
Power-on Detection Circuit
In order for the power-on detection circuit to operate normally, raise the power supply voltage of the IC from 0.2 V or lower
so that it reaches 1.8 V of the operation power supply voltage minimum value within 10 ms, as shown in Figure 22.
Within 10 ms
1.8 V
(Operation power
supply voltage min.)
0 V
*1
0.2 V or lower
*1. 0 V means that there is no potential difference between the VDD pin and the VSS pin of the S-35710M.
Figure 22 How to Raise Power Supply Voltage
If the power supply voltage of the S-35710M cannot be raised under the above conditions, the power-on detection circuit
may not operate normally and an oscillation may not start. In such case, perform the operations shown in "1. When
power supply voltage is raised at RST
_______
pin = "L" " and "2. When power supply voltage is raised at RST
_______
pin =
"H" ".
1. When power supply voltage is raised at RST
_______
pin = "L"
Set the RST
_______
pin to "L" until the power supply voltage reaches 1.8 V or higher. While the RST
_______
pin is set to "L", the
oscillation start signal becomes "H", and the crystal oscillation circuit normally oscillates. If the RST
_______
pin is set to "H"
after the power supply voltage reaches 1.8 V, the oscillation start signal becomes "L" within 500 ms, and the
oscillation status is maintained.
The current consumption increases by 30
μA typ. while the RST
_______
pin is set to "L".
0.2 V or lower
0 V*1
RST pin input
Oscillation start signal
10 ms
1.8 V
(Operation power supply voltage min.)
*1. 0 V means that there is no potential difference between the VDD pin and the VSS pin of the S-35710M.
Figure 23 When Power Supply Voltage is Raised at RST
_______
Pin = "L"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com