Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FU008-A-R-SD Datasheet(PDF) 1 Page - ABLIC Inc.

Part # FU008-A-R-SD
Description  AUTOMOTIVE, 125°C OPERATION, 2-WIRE TIMER WITH BUILT-IN QUARTZ CRYSTAL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

FU008-A-R-SD Datasheet(HTML) 1 Page - ABLIC Inc.

  FU008-A-R-SD Datasheet HTML 1Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 2Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 3Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 4Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 5Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 6Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 7Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 8Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 9Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
S-35710M A Series
CONVENIENCE TIMER
AUTOMOTIVE, 125°C OPERATION,
2-WIRE TIMER WITH BUILT-IN QUARTZ CRYSTAL
www.ablic.com
© ABLIC Inc., 2017-2020
Rev.2.1_00
1
The convenience timer is a CMOS timer IC which operates with low current consumption, and is suitable for the time
management of the relative time.
The S-35710M compares the timer value and the value written to the internal register and outputs an interrupt signal when the
values match each other.
The timer of the S-35710M is a 24-bit binary-up counter.
The internal register data can be set freely by users via a 2-wire serial interface. Consequently, the time before the occurrence
of an interrupt signal can be set freely.
Since the S-35710M has a built-in quartz crystal, a matching assessment of the IC and the quartz crystal is unnecessary.
Moreover, the number of external parts can also be reduced.
Caution This product can be used in vehicle equipment and in-vehicle equipment. Before using the product for
these purposes, it is imperative to contact our sales representatives.
Features
• Built-in 32.768 kHz quartz crystal
• Alarm interrupt function:
Settable on the second time scale from 1 second to 194 days
(Approximately half a year)
• Low current consumption:
0.25
μA typ. (VDD = 3.0 V, Ta = +25°C)
• Wide range of operation voltage:
1.8 V to 5.5 V
• 2-wire (I2C-bus) CPU interface
• Operation temperature range:
Ta =
−40°C to +125°C
• Lead-free (Sn 100%), halogen-free
• AEC-Q100/Q200 qualified*1
*1. Contact our sales representatives for details.
Application
• Time management of various systems during the sleep period
Package
• HSOP-8Q


Similar Part No. - FU008-A-R-SD

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
FU008-A-R-SD-1.0 ABLIC-FU008-A-R-SD-1.0 Datasheet
655Kb / 29P
PROGRAMMABLE WAKE-UP TIMER IC WITH BUILT-IN QUARTZ CRYSTAL
Rev.1.1_00
More results

Similar Description - FU008-A-R-SD

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6369 NJRC-NJU6369 Datasheet
55Kb / 6P
1.5V Operation Fundamental Quartz Crystal Oscillator
logo
Megawin Technology Co.,...
MG65L513A MEGAWIN-MG65L513A Datasheet
551Kb / 30P
Watchdog timer built-in
MG65L566A MEGAWIN-MG65L566A Datasheet
628Kb / 30P
Watchdog timer built-in
logo
Seiko Instruments Inc
S35710M SII-S35710M Datasheet
2Mb / 29P
FOR AUTOMOTIVE 125째C OPERATION 2-WIRE BUILT-IN QUARTZ CRYSTAL CONVENIENCE TIMER
S35740 SII-S35740 Datasheet
2Mb / 31P
FOR AUTOMOTIVE 125째C OPERATION 2-WIRE INTERVAL TIMER CONVENIENCE TIMER
S35770 SII-S35770 Datasheet
2Mb / 26P
FOR AUTOMOTIVE 125째C OPERATION 2-WIRE COUNTER CONVENIENCE TIMER
logo
ABLIC Inc.
S-19500 ABLIC-S-19500 Datasheet
692Kb / 47P
AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA, BUILT-IN WATCHDOG TIMER VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.5_00
S-19502 ABLIC-S-19502 Datasheet
787Kb / 54P
AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA, BUILT-IN WATCHDOG TIMER VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
S-35710M ABLIC-S-35710M Datasheet
655Kb / 29P
PROGRAMMABLE WAKE-UP TIMER IC WITH BUILT-IN QUARTZ CRYSTAL
Rev.1.1_00
logo
Rohm
BR24H64XXX-5AC ROHM-BR24H64XXX-5AC Datasheet
1Mb / 42P
125 °C Operation I2C BUS EEPROM for Automotive (2-Wire)
26.Jan.2023 Rev.003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com