Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FU008-A-R-SD Datasheet(PDF) 14 Page - ABLIC Inc.

Part # FU008-A-R-SD
Description  AUTOMOTIVE, 125°C OPERATION, 2-WIRE TIMER WITH BUILT-IN QUARTZ CRYSTAL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

FU008-A-R-SD Datasheet(HTML) 14 Page - ABLIC Inc.

Back Button FU008-A-R-SD Datasheet HTML 10Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 11Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 12Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 13Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 14Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 15Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 16Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 17Page - ABLIC Inc. FU008-A-R-SD Datasheet HTML 18Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
CONVENIENCE TIMER
AUTOMOTIVE, 125°C OPERATION, 2-WIRE TIMER WITH BUILT-IN QUARTZ CRYSTAL
S-35710M A Series
Rev.2.1_00
14
Serial Interface
The S-35710M transmits and receives various commands via I2C-bus serial interface to read / write data.
1. Start condition
When SDA changes from "H" to "L" with SCL at "H", the S-35710M recognizes start condition and the access operation
is started.
2. Stop condition
When SDA changes from "L" to "H" with SCL at "H", the S-35710M recognizes stop condition and the access operation
is completed. The S-35710M enters standby mode, consequently.
tSU.STA
tHD.STA
tSU.STO
Start condition
Stop condition
SDA
SCL
Figure 15 Start / Stop Condition
3. Data transmission and acknowledge
The data transmission is performed at every 1 byte after the start condition detection. Pay attention to the specification
of tSU.DAT and tHD.DAT when changing SDA, and perform the operation when SCL is "L". If SDA changes when SCL is
"H", the start / stop condition is recognized even during the data transmission, and the access operation will be
interrupted.
Whenever a 1-byte data is received during data transimmion, the receiving device returns an acknowledge. For
example, as shown in Figure 16, assume that the S-35710M is a receiving device, and the master device is a
transmitting device. If the clock pulse at the 8th bit falls, the master device releases SDA. Consequently, the
S-35710M, as an acknowledge, sets SDA to "L" during the 9th bit pulse. The access operation is not performed
properly when the S-35710M does not output an acknowledge.
tHD.DAT
tSU.DAT
1
8
9
Acknowledge output
(Active "L")
tAA
Start condition
SCL
(S-35710M input)
SDA
(Master device output)
SDA
(S-35710M output)
High-Z
Release SDA
High-Z
Figure 16 Acknowledge Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com